| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW250RAM bảng dữ liệu(PDF) 86 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW250RAM bảng dữ liệu(HTML) 86 Page - Fuji Electric |
|
86 / 93 page ![]() 06/86 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice Molded Case Circuit Breakers G-TWIN series External accessories • BW9F0CA n Dimensions, mm F type handle Terminal cover Mounting screw M4 x 90 Drive section Operation section Insulation barrier Protection cover To operation section Panel drilling M4 or ø5 Handle Panel Panel Cable Release lever Lock lever Release screw OFF lock Concave for ON lock*2 28 or more RESET 100 104 70 90 30 117 60 45 80 ON 27 29 57 57 13 2-ø7 R6.5 *1 • This product consists of a drive section and an operation section. • The operation section can be mounted either to the right or to the left on the panel depending on the mounting position of the release lever. • For the OFF lock, 3 ø10 padlocks can be mounted; for the ON lock, 2 ø10 padlocks. *1 Set the height to 20 or 30. Adjust the lock lever depending on the setting. *2 The ON lock can be realized by additionally creating a concave for the ON lock. • BW9F0GA Operation section Drive section To operation section Panel drilling Handle Panel Mounting screw M4 x 90 Panel Cable Release lever Lock lever Release screw OFF lock Concave for ON lock*2 28 or more RESET 60 45 80 ON 27 29 57 104 115 70 117 90 Insulation barrier Protection cover 57 35 M4 or ø5 13 2-ø7 R6.5 *1 • This product consists of a drive section and an operation section. • The operation section can be mounted either to the right or to the left on the panel depending on the mounting position of the release lever. • For the OFF lock, 3 ø10 padlocks can be mounted; for the ON lock, 2 ø10 padlocks. *1 Set the height to 20 or 30. Adjust the lock lever depending on the setting. *2 The ON lock can be realized by additionally creating a concave for the ON lock. |