| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW250RAM bảng dữ liệu(PDF) 51 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW250RAM bảng dữ liệu(HTML) 51 Page - Fuji Electric |
|
51 / 93 page ![]() 06/51 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Panel drilling Angle mounting Panel drilling Angle mounting Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Specify the stud directions when ordering. Contact FUJI. *1 Connectable area. Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Specify the stud directions when ordering. Contact FUJI. *1 Connectable area. 52 93 129.5 158 4 4 98 20 32 8 106.5 12 115 85*1 M12X40Bolt 180 70 70 210 70 140 178 MCCB ø7 M6 or ø7 ø48 40X40X5 MCCB Angle L C C L L C L C C C L L C C L L ON Trip button Angle Panel Insulation barrier Live section cover Mounting hole ø13 CL C CL L CL CL C C L L C CL L ON Trip button Angle Panel Live section cover Mounting hole 52 ø4 93 129.5 158 4 4 98 20 32 8 106.5 12 115 85*1 M12X40Bolt 180 70 70 210 70 140 178 MCCB ø7 M6 or ø7 ø48 40X40X5 MCCB Angle Insulation barrier BW630 -3P BW630 -4P Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, rear connection (type X) Mounting hole Trip button ø13 M12 x 40 bolt Panel Angle Insulation barrier Live section cover Panel drilling Angle mounting 129.5 158 4 4 98 20 32 8 106.5 12 115 85*1 180 ø48 L C ON 70 70 70 70 248 MCCB ø7 MCCB M6 or ø7 Angle 40 x 40 5 C C L L C C L L 205 128 70 75.5 35 70 70 280 C C L L CL Note: Ex-works, studs are mounted on the MCCB unit as shown in the figure for side view. •Studs for line side terminal : Mounted horizontally. •Studs for load-side terminal : Mounted vertically. Specify the stud directions when ordering. Contact FUJI. *1 Connectable area. |