| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BW250RAM bảng dữ liệu(PDF) 39 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW250RAM bảng dữ liệu(HTML) 39 Page - Fuji Electric |
|
39 / 93 page ![]() 06/39 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Molded Case Circuit Breakers G-TWIN series Dimensions / Standard n Dimensions, mm Front mounting, front connection BW32 -3P, BW50 -3P BW32 -2P, BW50 -2P BW63 -2P Mounting hole Trip button M4 or ø5 50 or more Insulation barrier Detachable Panel drilling Front panel cutting Terminal section CL CL 25 47.5 50 CL ON 51 60 8 4 84 43 46 2.5 CL CL CL CL MCCB MCCB 7 t 4 ø5.5 7 M5×14 Insulation barriers Standard provided: BW50SAG, BW50RAG Optional: BW32AAG, BW32SAG, BW50EAG Mounting hole Trip button M4 or ø5 74 or more Insulation barrier Detachable Panel drilling Front panel cutting Terminal section CL ON 51 60 8 4 84 43 46 2.5 CL CL MCCB MCCB 7 t 4 ø5.5 7 M5×14 C L C L 50 72 75 CL CL 25 Insulation barriers Standard provided: BW50SAG, BW50RAG Optional: BW32AAG, BW32SAG, BW50EAG Mounting hole Trip button M4 or ø5 50 or more Insulation barrier Detachable Panel drilling Front panel cutting Terminal section CL CL 25 47.5 50 CL ON 51 60 8 4 84 43 46 2.5 CL CL CL CL MCCB MCCB 7 7 t6 M8 x 15 ø9 |