công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPFS250T-FCVG784I bảng dữ liệu(PDF) 118 Page - Microchip Technology

tên linh kiện MPFS250T-FCVG784I
Giải thích chi tiết về linh kiện  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784I bảng dữ liệu(HTML) 118 Page - Microchip Technology

Back Button MPFS250T-FCVG784I Datasheet HTML 114Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 115Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 116Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 117Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 118Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 119Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 120Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 121Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 122Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 128 page
background image
Condition
Unit
Max
Typ
Min
Symbol
Parameter
ms
0
0
0
TTAMPER_READY
The time from
TFAB_READY to the
tamper flags be-
ing available
ms
0
0
0
TCRYPTO_READY
The time from
TFAB_READY to the
Athena Crypto
co-processor
being available
(for S devices
only)
1. Programming depends on the PUF to power up. Refer to TPUF_OVHD at section Secure NVM Performance.
6.10.8
I/O Calibration
The following tables specify the initial I/O calibration time for the fastest and slowest supported VDDI ramp
times of 0.2 ms to 50 ms, respectively. This only applies to I/O banks specified by the user to be
auto-calibrated.
Table 149 • I/O Initial Calibration Time (TCALIB)
Condition
Max (ms)
Min (ms)
Ramp Time
Applies to HSIO and GPIO
banks
2.63
0.98
0.2 ms
Applies to HSIO and GPIO
banks
62.19
41.62
50 ms
Notes:
• The user may specify any VDDI ramp time in the range specified above. The nominal initial calibration
time is given by the specified VDDI ramp time plus 2 ms.
• In order for IO calibration to start, VDDI and VDDAUX of the I/O bank must be higher than the trip
point levels specified in I/O-Related Supplies.
Table 150 • I/O Fast Recalibration Time (TRECALIB)
Condition
Max (ms)
Typ (ms)
Min (ms)
I/O Type
GPIO configured for 3.3
V operation
0.24
0.14
0.04
GPIO bank
HSIO configured for 1.8
V operation
0.30
0.20
0.11
HSIO bank
Note: In order to obtain fast re-calibration, the user must assert the relevant clock request signal from the
FPGA fabric to the I/O bank controller.
6.11
Dedicated Pins
The following section describes the dedicated pins.
114
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com