công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPFS250T-FCVG784I bảng dữ liệu(PDF) 98 Page - Microchip Technology

tên linh kiện MPFS250T-FCVG784I
Giải thích chi tiết về linh kiện  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG784I bảng dữ liệu(HTML) 98 Page - Microchip Technology

Back Button MPFS250T-FCVG784I Datasheet HTML 94Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 95Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 96Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 97Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 98Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 99Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 100Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 101Page - Microchip Technology MPFS250T-FCVG784I Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 128 page
background image
FPGA+ SNV-
M+ Sec
SNVM+ Sec
FPGA+ Sec
FPGA+ SNV-
M
SNVM (all
pages)
Security
FPGA
Devices
File
9.6 MB
66.3 KB
9.5 MB
9.6 MB
61.2 KB
7.6 KB
9.3 MB
MPF300T,
TL, TS, TLS
DAT
14.4 MB
62.2 KB
14.3 MB
14.4 MB
59.7 KB
3.5 KB
14.3 MB
MPF500T,
TL, TS, TLS
SPI
14.4 MB
66.3 KB
14.3 MB
14.4 MB
61.2 KB
7.6 KB
14.3 MB
MPF500T,
TL, TS, TLS
DAT
6.7.4
Digest Cycles
Digests verify the integrity of the programmed non-volatile data. Digests are a cryptographic hash of various
data areas. Any digest that reports back an error raises the digest tamper flag.
Table 120 • Maximum Number of Digest Cycles
Retention Since Programmed (N = Number Digests During that Time)
1
Reten-
tion
Unit
N = 6000
N = 4000
N = 2000
N = 1500
N = 1000
N = 500
N ≤30
0
Storage and
Operating TJ
Digest TJ
Years
°C
2 × LF
4 × LF
8 × LF
10 × LF
12 × LF
17 × LF
20 × L-
F
–40 to 100
–40 to 1
00
Years
°C
2 × LF
4 × LF
8 × LF
10 × LF
12 × LF
17 × LF
20 × L-
F
0 to 100
–40 to 1
00
Years
°C
4 × LF
8 × LF
16 × LF
20 × LF
20 × LF
20 × LF
20 × L-
F
–40 to 85
–40 to 8
5
Years
°C
20 × LF
20 × LF
20 × LF
20 × LF
20 × LF
20 × LF
20 × L-
F
–40 to 55
–40 to 5
5
1. LF = Lifetime factor as defined by the number of programming cycles the device has seen under the
conditions listed in the following table.
Table 121 • FPGA Programming Cycles Lifetime Factor
LF
Programming Cycles
Programming TJ
1
500
–40 °C to 100 °C
0.8
1000
–40 °C to 85 °C
0.6
2000
–40 °C to 55 °C
Notes:
• The maximum number of device digest cycles is 100K.
• Digests are operational only over the –40 °C to 100 °C temperature range.
• After a program cycle, an additional N digests cycles are allowed with the resultant retention
characteristics for the total operating and storage temperature shown.
• Retention is specified for total device storage and operating temperature.
• All temperatures are junction temperatures (TJ).
94
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com