công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS8967AFR3 bảng dữ liệu(PDF) 90 Page - NXP Semiconductors

tên linh kiện FXLS8967AFR3
Giải thích chi tiết về linh kiện  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 bảng dữ liệu(HTML) 90 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 86Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 87Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 88Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 89Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 90Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 91Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 92Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 93Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Term
Description
Noise density and RMS-
integrated noise
Noise density is defined as the noise per unit of square root bandwidth and is typically
expressed in units of mg/√Hz or μg/√Hz for a consumer grade accelerometer. Noise is
measured with the device held stationary in a 1g field and isolated from environmental noise
and mechanical vibration. The RMS noise at a given ODR can be estimated as follows:
Nrms = ND * √BW
For example, in the ±2 g FSR, operating in HPM with an ODR of 400 Hz, the estimated RMS
noise would be:
Nrms = 280 µg/√Hz * √(400/2) Hz = 3.96 mg (~ 4 LSB).
Output data rate,
decimation factor, and
power consumption
The Output Data Rate (ODR) defines the rate at which acceleration data is output from
FXLS8967AF. Depending on the operating mode and ODR that is selected, different
decimation factors (oversampling ratios) are applied. The decimated output data is supplied
at the ODR rate, even though multiple samples of the sensor data may have been used to
calculate this average result. In FXLS8967AF lowest power mode, the decimation factor
is always 1, leading to the best power performance at the expense of the poorest noise
(resolution) performance. In high performance mode, the decimation factor is automatically
increased to the maximum possible value for a given ODR, resulting in the best noise
(resolution) performance at the expense of the poorest power consumption. In motion
detection mode with BT_MODE=VDD, use of HPM or FPM mode is not advised. Only the
default LPM mode should be used.
Primary
Device that initiates and drives the communication with secondary devices.
Secondary
Device or devices that responds to communication initiated by primary device.
Self-Test
The integrated self-test function can be used to verify correct transducer and signal chain
operation without the need to apply an external acceleration stimulus. When the self-test
function is activated for each axis, an electrostatic actuation force is applied to the proof mass,
simulating a small change in acceleration. The self-test function of the device is independently
exercisable for each axis, along with a selectable displacement direction (polarity). The device
need not be static while exercising the self-test function as it is insensitive to any external
physical acceleration. During a self-test sequence, 2 parameters are computed for each axis,
namely STOC and STOF. STOC is the half difference between Self-Test output for positive
direction (ST_POL=0) and Self-Test output for negative direction (ST_POL=1), whereas STOF
is the half sum between the same. Refer to AN13193[2] for more details on self-test.
Sensitivity
The accelerometer sensitivity, also known as scale-factor, represents the change in
acceleration input corresponding to 1 LSB change in output and is typically measured in either
mg/LSB or LSB/g.
Zero-g offset
The accelerometer zero-g offset describes the deviation of the sensor output from the ideal
0g value when no motion or gravity is acting on it. With an accelerometer stationary and
placed on a level, horizontal surface, the ideal output is 0 g for the X and Y axes. Likewise,
if the accelerometer is placed on a vertical plane, the ideal output is 0 g for the Z-axis. The
deviation of each output from the ideal value is called zero-g offset. Offset is, to some extent,
a result of stress on the sensor and how well the sensor is leveled when soldered to the
board. Therefore, the zero-g offset can change after mounting the sensor onto a printed circuit
board or exposing it to extensive mechanical stress.
For applications that require increased precision, any residual post-board mount offset may be
removed using the
OFF_X/Y/Z registers, or alternatively, in the host application software.
Table 121. Glossary...continued
21 References
[1] AN1902 — Assembly Guidelines for QFN and DFN Packages, https://www.nxp.com/webapp/Download?
colCode=AN1902
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
90 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com