công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS8967AFR3 bảng dữ liệu(PDF) 81 Page - NXP Semiconductors

tên linh kiện FXLS8967AFR3
Giải thích chi tiết về linh kiện  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 bảng dữ liệu(HTML) 81 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 77Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 78Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 79Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 80Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 81Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 82Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 83Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 84Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
aaa-040829
R4
C2
1.0 µF
C1
0.1 µF
R1
R2
1
2
3
4
5
10
9
8
7
6
VDD
VDD
VDD
BT_MODE
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
WAKE_UP
INT2/EXT_TRIG
SA0/SPI_MISO
I2C_SA0
I2C_SDA
I2C_SCL
SDA/SPI_MOSI
SCL/SCLK
R3
Figure 19. Typical Application Circuit #1 – I2C mode
Notes:
• Resistors R1 and R2 are not needed if the interrupt output driver type is configured for
push-pull operation (default).
• If either the INT1 or INT2 pins are not used in the application, leave them unconnected.
• The required pull-up resistor values for R3 and R4 are dependent on several factors
including the I2C clock frequency, bus pull-up voltage, and the total parasitic trace
+ device capacitances. A suggested starting point is 4.7 kΩ for Standard and Fast
modes.
• The external trigger function can be used to initiate a single shot measurement of
the XYZ acceleration and temperature data. This mode is useful for synchronizing
measurements with an external system or for creating user-specific ODRs. The
measurement is triggered on the rising edge of the EXT_TRIG signal.
aaa-040830
C1
0.1 µF
R1
R2
1
2
3
4
5
10
9
8
7
6
VDD
VDD
VDD
BT_MODE
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
WAKE_UP
INT2/EXT_TRIG
SA0/SPI_MISO
MOSI
MISO
SCLK
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
C2
1.0 µF
Figure 20. Typical Application Circuit #2 – SPI 4-wire mode
aaa-040831
C2
0.1 µF
R1
R2
1
2
3
4
5
10
9
8
7
6
VDD
VDD
VDD
BT_MODE
GND
INTF_SEL
INT1/MOT_DET
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG/BOOT_OUT
INT1
SPI_CS_B/WAKE_UP
INT2/EXT_TRIG
DNC
SPI_DATA
SCLK
SDA/SPI_MOSI/SPI_DATA
SCL/SCLK
C2
1.0 µF
Figure 21. Typical Application Circuit #3 – SPI 3-wire mode (software enabled; SENS_CONFIG1[SPI_M] = 1)
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
81 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com