công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FXLS8967AFR3 bảng dữ liệu(PDF) 25 Page - NXP Semiconductors

tên linh kiện FXLS8967AFR3
Giải thích chi tiết về linh kiện  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 bảng dữ liệu(HTML) 25 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 21Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 22Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 23Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 24Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 25Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 26Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 27Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 28Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Callout
Current
mode
Next mode
Transition criteria
Standby
WAKE
BT_MODE = GND:
Set
SENS_CONFIG1[ACTIVE] = 1
BT_MODE = VDD:
The
SENS_CONFIG1[ACTIVE] bit is set automatically after the BOOT process
completes when the INT1/MOT_DET pin is held high.
The host may also manually set this bit using the I2C or SPI interfaces to resume
motion detection mode after changing the device configuration (after entering
Standby mode from WAKE mode via register command)
7
WAKE
Standby
BT_MODE = GND:
Set
SENS_CONFIG1[ACTIVE] = 0
BT_MODE = VDD:
The
SENS_CONFIG1[ACTIVE] bit clears automatically when the INT1/MOT_DET
pin is brought low for ≥ TMOT_HIB ms; The host may also manually clear this bit
using the I2C or SPI interfaces in order to change the default device configuration.
WAKE
SLEEP
When
ASLP_CNT ≥ 1, the device transitions to the SLEEP mode when none of
the configured AWS interrupt sources clear the Auto-Wake/Sleep timer before it
expires (host programmed
ASLP_CNT value is reached), allowing the device to
conserve energy by automatically using a lower ODR and/or power (performance)
mode.
8
SLEEP
WAKE
One or more of the configured AWS event sources triggers the exit from SLEEP
mode and entry into WAKE.
Table 16. Operating modes transition criteria...continued
[1]
The host may also set
SENS_CONFIG5[HIBERNATE_EN] = 1 to enter Hibernate mode, but a logic state transition on the SPI_CS_B / WAKE_UP pin
does not cause the device to exit Hibernate mode when BT_MODE = VDD.
2
1
Operating mode
Operating mode
VDD-min
VDD pin level
3
4
5
6
BOOT
TBOOT2
TPULSE-BOOT2
TPULSE-WIN
TBOOT2
aaa-040847
MOT_DET
BOOT
Hibernate
OFF
Hibernate
Motion Detection mode
BOOT_OUT
(external pull-up
to VDD)
MOT_DET +
BOOT_OUT
(wired-AND,
no BOOT_OUT
pull-up to VDD)
TPULSE-MOT
TMOT-HIB
TPULSE-BOOT2
TFLT-MOT_DET
TPULSE-THRESx
TPULSE-WIN
Figure 15. BOOT2 sequence and One-wire motion-detection protocol diagram (BT_MODE = VDD)
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Preliminary data sheet
Rev. 1.3 — 22 October 2021
25 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com