công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NVMJS1D7N04C bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện NVMJS1D7N04C
Giải thích chi tiết về linh kiện  MOSFET ??Power, Single N-Channel 40 V, 1.7 m, 185 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS1D7N04C bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  NVMJS1D7N04C Datasheet HTML 1Page - ON Semiconductor NVMJS1D7N04C Datasheet HTML 2Page - ON Semiconductor NVMJS1D7N04C Datasheet HTML 3Page - ON Semiconductor NVMJS1D7N04C Datasheet HTML 4Page - ON Semiconductor NVMJS1D7N04C Datasheet HTML 5Page - ON Semiconductor NVMJS1D7N04C Datasheet HTML 6Page - ON Semiconductor NVMJS1D7N04C Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2018
July, 2019 − Rev. 1
1
Publication Order Number:
NVMJS1D7N04C/D
NVMJS1D7N04C
MOSFET – Power, Single
N-Channel
40 V, 1.7 mW, 185 A
Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
185
A
TC = 100°C
131
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
106
W
TC = 100°C
53
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
35
A
TA = 100°C
25
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
3.8
W
TA = 100°C
1.9
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
102
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 15 A)
EAS
338
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
1.4
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
36
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
www.onsemi.com
V(BR)DSS
RDS(ON) MAX
ID MAX
40 V
1.7 mW @ 10 V
185 A
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,8)
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
LFPAK8
CASE 760AA
1D7N04
C
AWLYW
G
S
DD D D
SS
1
1D7N04C = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
W
= Work Week


Số phần tương tự - NVMJS1D7N04C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NVMJS1D7N06C ONSEMI-NVMJS1D7N06C Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1
NVMJS1D7N06CTWG ONSEMI-NVMJS1D7N06CTWG Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 1.68 m, 224 A
August, 2021 ??Rev. 1
More results

Mô tả tương tự - NVMJS1D7N04C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NVMFS5830NL ONSEMI-NVMFS5830NL Datasheet
116Kb / 6P
40 V, 2.3 m, 185 A, Single N?묬hannel
May, 2012 ??Rev. 0
NVMFS5830NL ONSEMI-NVMFS5830NL_13 Datasheet
111Kb / 6P
Power MOSFET 40 V, 2.3 m, 185 A, Single N.Channel
March, 2013 ??Rev. 1
NVBGS4D1N15MC ONSEMI-NVBGS4D1N15MC Datasheet
233Kb / 7P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTBGS4D1N15MC ONSEMI-NTBGS4D1N15MC Datasheet
356Kb / 8P
MOSFET - Single N-Channel 150 V, 4.1 m, 185 A
December, 2019 ??Rev. 0
NTMTS1D6N10MC ONSEMI-NTMTS1D6N10MC Datasheet
331Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NTMTSC1D6N10MC ONSEMI-NTMTSC1D6N10MC Datasheet
262Kb / 7P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 267 A
September, 2021-Rev. 1
NVMTS1D6N10MC ONSEMI-NVMTS1D6N10MC Datasheet
324Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 1.7 m, 273 A
April, 2021 ??Rev. 0
NVMYS1D6N04CL ONSEMI-NVMYS1D6N04CL Datasheet
235Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.6 m, 185 A
September, 2021 ??Rev.2
NVMYS1D7N04C ONSEMI-NVMYS1D7N04C Datasheet
260Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 1.7 m, 190 A
October, 2020 ??Rev. 0
NVMYS2D2N06CL ONSEMI-NVMYS2D2N06CL Datasheet
346Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 2.0 m, 185 A
July, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com