công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU1 bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU1
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU1 bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button MPC5644BCFCLU1 Datasheet HTML 54Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 55Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 56Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 57Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 58Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 59Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 60Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 61Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
58
Table 24. Low voltage power domain electrical characteristics1
1 Except for I
DDMAX, all the current values are total current drawn from VDD_HV_A.
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified All temperatures are based on an
ambient temperature.
Value
Unit
Min
Typ3
3 Target typical current consumption for the following typical operating conditions and configuration. Process = typical,
Voltage = 1.2 V.
Max4
4 Target maximum current consumption for mode observed under typical operating conditions. Process = Fast, Voltage
= 1.32 V.
IDDMAX
5
5 Running consumption is given on voltage regulator supply (V
DDREG). It does not include consumption linked to I/Os
toggling. This value is highly dependent on the application. The given value is thought to be a worst case value with
all cores and peripherals running, and code fetched from code flash while modify operation on-going on data flash. It
is to be noticed that this value can be significantly reduced by application: switch-off not used peripherals (default),
reduce peripheral frequency through internal prescaler, fetch from RAM most used functions, use low power mode
when possible.
CC D RUN mode maximum
average current
—
—
210
3006,7
6 Higher current may sunk by device during power-up and standby exit. Please refer to in rush current in Table 22.
7 Maximum “allowed” current is package dependent.
mA
IDDRUN
CC P RUN mode typical average
current8
8 Only for the “P” classification: Code fetched from RAM: Serial IPs CAN and LIN in loop back mode, DSPI as Master,
PLL as system Clock (4 x Multiplier) peripherals on (eMIOS/CTU/ADC) and running at max frequency, periodic
SW/WDG timer reset enabled. RUN current measured with typical application with accesses on both code flash and
RAM.
at 120 MHz
TA = 25 °C
—
150
2009
mA
Dat 80 MHz
TA = 25 °C
—
1108
15010
mA
Pat 120 MHz
TA = 125 °C
—
180
270
mA
IDDHALT
CC P HALT mode current11
—TA = 25 °C
—
20
27
mA
CTA = 125 °C
—
35
80
mA
IDDSTOP
CC P STOP mode current12
No clocks active TA =25°C
—
0.4
3
µA
CTA = 125 °C
—
16
95
mA
IDDSTDBY3
(96 KB RAM
retained)
CC P STANDBY3 mode
current13
No clocks active TA = 25 °C
—
50
99
µA
CTA = 125 °C
—
630
3200
µA
IDDSTDBY2
(64 KB RAM
retained)
CC C STANDBY2 mode
current14
No clocks active TA = 25 °C
—
40
94
µA
CTA = 125 °C
—
500
2500
µA
IDDSTDBY1
(8 KB RAM
retained)
CC C STANDBY1 mode
current15
No clocks active TA = 25 °C
—
25
87
µA
CTA = 125 °C
—
230
1250
µA
Adders in LP
mode
CC T 32 KHz OSC
—
TA =25°C
—
—
5
µA
4–40 MHz OSC
—
TA =25°C
—
—
3
mA
16 MHz IRC
—
TA = 25 °C
—
—
500
µA
128 KHz IRC
—
TA =25°C
—
—
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com