công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5644BCFCLU1 bảng dữ liệu(PDF) 55 Page - NXP Semiconductors

tên linh kiện MPC5644BCFCLU1
Giải thích chi tiết về linh kiện  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644BCFCLU1 bảng dữ liệu(HTML) 55 Page - NXP Semiconductors

Back Button MPC5644BCFCLU1 Datasheet HTML 51Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 52Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 53Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 54Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 55Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 56Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 57Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 58Page - NXP Semiconductors MPC5644BCFCLU1 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
55
The internal voltage regulator requires external bulk capacitance (CREGn) to be connected to the device to provide a stable low
voltage digital supply to the device. Also required for stability is the CDEC2 capacitor at ballast collector. This is needed to
minimize sharp injection current when ballast is turning ON. Apart from the bulk capacitance, user should connect
EMI/decoupling cap (CREGP) at each VDD_LV/VSS_LV pin pair.
4.8.1.1
Recommendations
•
The external NPN driver must be BCP68 type.
•VDD_LV should be implemented as a power plane from the emitter of the ballast transistor.
•10
μF capacitors should be connected to the 4 pins closest to the outside of the package and should be evenly
distributed around the package. For BGA packages, the balls should be used are D8, H14, R9, J3–one cap on each side
of package.
— There should be a track direct from the capacitor to this pin (pin also connects to VDD_LV plane). The tracks ESR
should be less than 100 m
Ω.
— The remaining VDD_LV pins (exact number will vary with package) should be decoupled with 0.1 μF caps,
connected to the pin as per 10
μF.
(see Section 4.4, “Recommended operating conditions”).
4.8.2
VDD_BV options
•
Option 1: VDD_BV shared with VDD_HV_A
VDD_BV must be star routed from VDD_HV_A from the common source. This is to eliminate ballast noise injection on
the MCU.
•
Option 2: VDD_BV independent of the MCU supply
VDD_BV > 2.6 V for correct functionality. The device is not monitoring this supply hence the external component must
meet the 2.6 V criteria through external monitoring if required.
Table 22. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max
CREGn
SR — External ballast stability capacitance
—
40
—
60
μF
RREG
SR — Stability capacitor equivalent serial
resistance
——
—
0.2
Ω
CREGP
SR — Decoupling capacitance (Close to
the pin)
VDD_HV_A/HV_B/VSS_HV
pair
100
—
nF
VDD_LV/VSS_LV pair
100
—
nF
CDEC2
SR — Stability capacitance regulator
supply (Close to the ballast collector)
VDD_BV/VSS_HV
10
—
40
μF
VMREG
CC P Main regulator output voltage
Before trimming
—
1.32
—
V
After trimming
TA = 25 °C
1.20
1.28
—
IMREG
SR — Main regulator current provided to
VDD_LV domain
——
—
350
mA
IMREGINT
CC D Main regulator module current
consumption
IMREG = 200 mA
—
—
2
mA
IMREG = 0 mA
—
—
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com