| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC5605BAMLL4R bảng dữ liệu(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PPC5605BAMLL4R bảng dữ liệu(HTML) 11 Page - NXP Semiconductors |
|
11 / 114 page ![]() Package pinouts and signal descriptions MPC5607B Microcontroller Data Sheet, Rev. 10 NXP Semiconductors 11 Figure 5. 208 MAPBGA configuration 3.2 Pad configuration during reset phases All pads have a fixed configuration under reset. During the power-up phase, all pads are forced to tristate. After power-up phase, all pads are tristate with the following exceptions: • PA[9] (FAB) is pull-down. Without external strong pull-up the device starts fetching from flash. • PA[8], PC[0] and PH[9:10] are in input weak pull-up when out of reset. • RESET pad is driven low by the device till 40 FIRC clock cycles after phase2 completion. Minimum phase3 duration is 40 FIRC cycles. • Nexus output pads (MDO[n], MCKO, EVTO, MSEO) are forced to output. 1 234 5678 9 10 11 12 13 14 15 16 A PC[8] PC[13] PH[15] PJ[4] PH[8] PH[4] PC[5] PC[0] PI[0] PI[1] PC[2] PI[4] PE[15] PH[11] NC NC A B PC[9] PB[2] PH[13] PC[12] PE[6] PH[5] PC[4] PH[9] PH[10] PI[2] PC[3] PG[11] PG[15] PG[14] PA[11] PA[10] B C PC[14] VDD_HV PB[3] PE[7] PH[7] PE[5] PE[3] VSS_LV PC[1] PI[3] PA[5] PI[5] PE[14] PE[12] PA[9] PA[8] C D PH[14] PI[6] PC[15] PI[7] PH[6] PE[4] PE[2] VDD_LV VDD_HV NC PA[6] PH[12] PG[10] PF[14] PE[13] PA[7] D E PG[4] PG[5] PG[3] PG[2] PG[1] PG[0] PF[15] VDD_HV E F PE[0] PA[2] PA[1] PE[1] PH[0] PH[1] PH[3] PH[2] F G PE[9] PE[8] PE[10] PA[0] VSS_HV VSS_HV VSS_HV VSS_HV VDD_HV PI[12] PI[13] MSEO G H VSS_HV PE[11] VDD_HV NC VSS_HV VSS_HV VSS_HV VSS_HV MDO3 MDO2 MDO0 MDO1 H J RESET VSS_LV NC NC VSS_HV VSS_HV VSS_HV VSS_HV PI[8] PI[9] PI[10] PI[11] J K EVTI NC VDD_BV VDD_LV VSS_HV VSS_HV VSS_HV VSS_HV VDD_HV _ADC1 PG[12] PA[3] PG[13] K L PG[9] PG[8] NC EVTO PB[15] PD[15] PD[14] PB[14] L M PG[7] PG[6] PC[10] PC[11] PB[13] PD[13] PD[12] PB[12] M N PB[1] PF[9] PB[0] VDD_HV PJ[0] PA[4] VSS_LV EXTAL VDD_HV PF[0] PF[4] VSS_HV _ADC1 PB[11] PD[10] PD[9] PD[11] N P PF[8] PJ[3] PC[7] PJ[2] PJ[1] PA[14] VDD_LV XTAL PB[10] PF[1] PF[5] PD[0] PD[3] VDD_HV _ADC0 PB[6] PB[7] P R PF[12] PC[6] PF[10] PF[11] VDD_HV PA[15] PA[13] PI[14] XTAL32 PF[3] PF[7] PD[2] PD[4] PD[7] VSS_HV _ADC0 PB[5] R T NC NC NC MCKO NC PF[13] PA[12] PI[15] EXTAL 32 PF[2] PF[6] PD[1] PD[5] PD[6] PD[8] PB[4] T 1 234 5678 9 10 11 12 13 14 15 16 NOTE: The 208 MAPBGA is available only as development package for Nexus 2+. NC = Not connected |