công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5606BAMLL4R bảng dữ liệu(PDF) 112 Page - NXP Semiconductors

tên linh kiện MPC5606BAMLL4R
Giải thích chi tiết về linh kiện  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R bảng dữ liệu(HTML) 112 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 106Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 107Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 108Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 109Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 110Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 111Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 112Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 113Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 114Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 112 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Revision history
NXP Semiconductors
112
6
(cont’d)
08 Jul 2011 Section “External ballast resistor recommendations”: replaced “low voltage monitor” with
“low voltage detector (LVD)”
“I/O input DC electrical characteristics” table: updated ILKG characteristics
“MEDIUM configuration output buffer electrical characteristics” table: changed
“IOH = 100 µA” to “IOL = 100 µA” in VOL conditions
I/O weight: updated table (includes replacing instances of bit “SRE” with “SRC”)
“Reset electrical characteristics” table: updated parameter classification for |IWPU|
Updated voltage regulator electrical characteristics
Section “Low voltage detector electrical characteristics”: changed title (was “Voltage
monitor electrical characteristics”); changed “as well as four low voltage detectors” to
“as well as five low voltage detectors”; added event status flag names found in RGM
chapter of device reference manual to POR module and LVD descriptions; replaced
instances of “Low voltage monitor” with “Low voltage detector”; updated values for
VLVDLVBKPL and VLVDLVCORL
Updated section “Power consumption”
Section “Program/erase characteristics”: removed table “FLASH_BIU settings vs.
frequency of operation” and associated introduction
“Program and erase specifications” table: updated symbols
PFCRn settings vs. frequency of operation: replaced “FLASH_BIU” with “PFCRn” in table
title; updated field names and frequencies
“Flash power supply DC electrical characteristics” table: deleted footnote 2
Crystal oscillator and resonator connection scheme: inserted footnote about possibly
requiring a series resistor
Fast external crystal oscillator (4 to 16 MHz) electrical characteristics: updated parameter
classification for VFXOSCOP
Slow external crystal oscillator (32 kHz) electrical characteristics: updated footnote 1
Section “ADC electrical characteristics”: updated symbols for offset error and gain error
Section “Input impedance and ADC accuracy”: changed “VA/VA2” to “VA2/VA” in
Equation 11
ADC input leakage current: updated ILKG characteristics
ADC_0 conversion characteristics table: replaced instances of
“ADCx_conf_sample_input” with “INPSAMP”; replaced instances of
“ADCx_conf_comp” with “INPCMP
ADC_1 characteristic and error definitions: replaced “AVDD” with “VDD_ADC”
ADC_1 conversion characteristics table: replaced instances of
“ADCx_conf_sample_input” with “INPSAMP”; replaced instances of
“ADCx_conf_comp” with “INPCMP”
Updated “On-chip peripherals current consumption” table
Table 54. Revision history (continued)
Revision
Date
Substantive changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com