công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5606BAMLL4R bảng dữ liệu(PDF) 57 Page - NXP Semiconductors

tên linh kiện MPC5606BAMLL4R
Giải thích chi tiết về linh kiện  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R bảng dữ liệu(HTML) 57 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 53Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 54Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 55Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 58Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 59Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 60Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
57
4.7
Power management electrical characteristics
4.7.1
Voltage regulator electrical characteristics
The device implements an internal voltage regulator to generate the low voltage core supply VDD_LV from
the high voltage ballast supply VDD_BV. The regulator itself is supplied by the common I/O supply VDD.
The following supplies are involved:
•
HV: High voltage external power supply for voltage regulator module. This must be provided
externally through VDD power pin.
•
BV: High voltage external power supply for internal ballast module. This must be provided
externally through VDD_BV power pin. Voltage values should be aligned with VDD.
•
LV: Low voltage internal power supply for core, FMPLL and Flash digital logic. This is generated
by the internal voltage regulator but provided outside to connect stability capacitor. It is further
split into four main domains to ensure noise isolation between critical LV modules within the
device:
— LV_COR: Low voltage supply for the core. It is also used to provide supply for FMPLL
through double bonding.
— LV_CFLA: Low voltage supply for code flash module. It is supplied with dedicated ballast and
shorted to LV_COR through double bonding.
— LV_DFLA: Low voltage supply for data flash module. It is supplied with dedicated ballast and
shorted to LV_COR through double bonding.
— LV_PLL: Low voltage supply for FMPLL. It is shorted to LV_COR through double bonding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com