công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5606BAMLL4R bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện MPC5606BAMLL4R
Giải thích chi tiết về linh kiện  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 31Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 34Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 35Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 36Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 37Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 38Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
35
The parameters listed in the following tables represent the characteristics of the device and its demands on
the system.
In the tables where the device logic provides signals with their respective timing characteristics, the
symbol “CC” for Controller Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing characteristics to
the device, the symbol “SR” for System Requirement is included in the Symbol column.
4.1
Parameter classification
The electrical parameters shown in this supplement are guaranteed by various methods. To give the
customer a better understanding, the classifications listed in Table 7 are used and the parameters are tagged
accordingly in the tables where appropriate.
NOTE
The classification is shown in the column labeled “C” in the parameter tables where
appropriate.
4.2
NVUSRO register
Bit values in the Non-Volatile User Options (NVUSRO) Register control portions of the device configuration, namely electrical
parameters such as high voltage supply and oscillator margin, as well as digital functionality (watchdog enable/disable after
reset).
For a detailed description of the NVUSRO register, please refer to the device reference manual.
4.2.1
NVUSRO[PAD3V5V] field description
The DC electrical characteristics are dependent on the PAD3V5V bit value. Table 8 shows how NVUSRO[PAD3V5V] controls
the device configuration.
Table 7. Parameter classifications
Classification tag
Tag description
P
Those parameters are guaranteed during production testing on each individual device.
C
Those parameters are achieved by the design characterization by measuring a statistically
relevant sample size across process variations.
T
Those parameters are achieved by design characterization on a small sample size from typical
devices under typical conditions unless otherwise noted. All values shown in the typical column
are within this category.
D
Those parameters are derived mainly from simulations.
Table 8. PAD3V5V field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
Description
0
High voltage supply is 5.0 V
1
High voltage supply is 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com