công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5606BAMLL4R bảng dữ liệu(PDF) 82 Page - NXP Semiconductors

tên linh kiện MPC5606BAMLL4R
Giải thích chi tiết về linh kiện  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R bảng dữ liệu(HTML) 82 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 78Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 79Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 80Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 81Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 82Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 83Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 84Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 85Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
82
tADC0_C CC P Conversion time
6
fADC = 32 MHz,
INPCMP = 2
0.625
—
—
µs
CS
CC D ADC_0 input sampling
capacitance
——
—
3
pF
CP1
CC D ADC_0 input pin capacitance 1
—
—
—
3
pF
CP2
CC D ADC_0 input pin capacitance 2
——
—
1
pF
CP3
CC D ADC_0 input pin capacitance 3
—
—
—
1
pF
RSW1
CC D Internal resistance of analog
source
——
—
3
k
Ω
RSW2
CC D Internal resistance of analog
source
—
—
—
2
k
Ω
RAD
CC D Internal resistance of analog
source
——
—
2
k
Ω
IINJ
SR — Input current Injection
Current injection
on one ADC_0
input, different
from the
converted one
VDD =
3.3 V ± 10%
−5—
5
mA
VDD =
5.0 V ± 10%
−5
—
5
| INL |
CC T Absolute integral nonlinearity
No overload
—
0.5
1.5
LSB
| DNL |
CC T Absolute differential
nonlinearity
No overload
—
0.5
1.0
LSB
| EO |
CC T Absolute offset error
—
—
0.5
—
LSB
| EG |
CC T Absolute gain error
——
0.6
—
LSB
TUEP
CC P Total unadjusted error7 for
precise channels, input only
pins
Without current injection
−2
0.6
2
LSB
T
With current injection
−3
—
3
TUEX
CC T Total unadjusted error7 for
extended channel
Without current injection
−3
1
3
LSB
T
With current injection
−4
4
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS must be common (to be tied together externally).
3 V
AINx may exceed VSS_ADC0 and VDD_ADC0 limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0x3FF.
4 Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured
by internal divider by 2.
5 During the sampling time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC0_S. After the
end of the sampling time tADC0_S, changes of the analog input voltage have no effect on the conversion result.
Values for the sampling clock tADC0_S depend on programming.
6 This parameter does not include the sampling time t
ADC0_S, but only the time for determining the digital result and
the time to load the result’s register with the conversion result.
7 Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 44. ADC_0 conversion characteristics (10-bit ADC_0) (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com