công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5606BAMLL4R bảng dữ liệu(PDF) 58 Page - NXP Semiconductors

tên linh kiện MPC5606BAMLL4R
Giải thích chi tiết về linh kiện  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5606BAMLL4R bảng dữ liệu(HTML) 58 Page - NXP Semiconductors

Back Button MPC5606BAMLL4R Datasheet HTML 54Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 55Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 56Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 57Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 58Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 59Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 60Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 61Page - NXP Semiconductors MPC5606BAMLL4R Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
58
Figure 9. Voltage regulator capacitance connection
The internal voltage regulator requires external capacitance (CREGn) to be connected to the device in order
to provide a stable low voltage digital supply to the device. Capacitances should be placed on the board as
near as possible to the associated pins. Care should also be taken to limit the serial inductance of the board
to less than 5 nH.
Each decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to
ensure stable voltage (see 4.4, Recommended operating conditions).
Table 25. Voltage regulator electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
CREGn
SR — Internal voltage regulator external
capacitance
—
200
—
500
nF
RREG
SR — Stability capacitor equivalent serial
resistance
Range:
10 kHz to 20 MHz
——
0.2
Ω
CDEC1
SR — Decoupling capacitance2 ballast
VDD_BV/VSS_LV pair:
VDD_BV = 4.5 V to 5.5 V
1003
4704
—nF
VDD_BV/VSS_LV pair:
VDD_BV = 3V to 3.6V
400
—
DEVICE
VSS_LV
VDD_BV
VDD_LV
VSS_LV
VDD_LV
VDD
VSS_LV
VDD_LV
CREG2 (LV_COR/LV_CFLA)
CREG3
CDEC2
DEVICE
VDD_BV
I
VDD_LVn
VREF
VDD
Voltage Regulator
VSS
VSS_LVn
(supply/IO decoupling)
(LV_COR/LV_PLL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com