công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33772ASP3 bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện PC33772ASP3
Giải thích chi tiết về linh kiện  Battery cell controller IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PC33772ASP3 bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  PC33772ASP3 Datasheet HTML 1Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 2Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 3Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 4Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 5Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 6Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 7Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 8Page - NXP Semiconductors PC33772ASP3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document Number: MC33772SM
Rev. 2.0, 8/2016
NXP Semiconductors
Data Sheet Summary for MC33772
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© 2016 NXP B.V.
Battery cell controller IC
The 33772 is a SMARTMOS lithium ion Battery Cell Controller IC designed for
automotive applications, such as hybrid electric (HEV) and electric vehicles (EV)
along with industrial applications, such as energy storage systems (ESS), and
uninterruptible power supply (UPS) systems. The device performs ADC
conversions of the differential cell voltages and current, as well as battery
Coulomb counting and battery temperature measurements. The information is
digitally transmitted through SPI or transformer isolation to a microcontroller for
processing.
Features
•5.0 V ≤ VPWR ≤ 30 V operation, 40 V transient
• 3 to 6 cells management
• Isolated 2.0 Mbps differential communication or 4.0 Mbps SPI
• Addressable on initialization
• Synchronized cell voltage/current measurement with Coulomb count
• Total stack voltage measurement
• Seven GPIO/temperature sensor inputs
•5.0 V at 5.0 mA reference supply output
• Automatic over/undervoltage & temperature detection routable to fault pin
• Integrated Sleep mode over/undervoltage & temperature monitoring
• Onboard 300 mA passive cell balancing with diagnostics
• Hot plug capable
• Detection of internal and external faults, as open lines, shorts, and
leakages
• Single chip ASIL C capable
• Fully compatible with the MC33771 for max 14 cells
Figure 1. Simplified application diagram of SPI communication context
BATTERY CELL CONTROLLER IC
33772
Applications
• Automotive: 12 V and high-voltage battery packs
• E-bikes, e-scooters
• Energy storage systems
• Uninterruptible power supply (UPS)
AE SUFFIX (PB-FREE)
98ASA00173D
48-PIN LQFP-EP
Battery
Reference
VCOM
Battery
Reference
6 Cell
Voltage
Measure
VCOM
Current
Measure
Battery
Reference
EEPROM
Battery
Reference
VPWR1
CT6
CB6
CB6:5_C
CT1
MC33772
RDTX _OUT+
RDTX_OUT-
VCOM
SDA
GPIO1
VPWR2
CT5
CTREF
CB1
CB2:1_C
CGND
VANA
AGND
FAULT
DGND
SDL
SO
CSB
SPI_COM_EN
RESET
SI/RDTX _IN+
SCLK/RDTX _IN-
GPIO2
GPIO3
GPIO4
GPIO0
GPIO5
GPIO6
ISENSE+
ISENSE-
GNDSUB
GNDFLG
CTn
CBn
MCU
GPIOx
CSB
MISO
MOSI
SCLK
VPRE
VPRE
GNDCP
VCP


Số phần tương tự - PC33772ASP3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
PC33702DWB MOTOROLA-PC33702DWB Datasheet
841Kb / 24P
3.0 A Switch-Mode Power Supply with Linear Regulator
PC33702DWB/R2 MOTOROLA-PC33702DWB/R2 Datasheet
841Kb / 24P
3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
PC33710EW FREESCALE-PC33710EW Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
PC33710EWR2 FREESCALE-PC33710EWR2 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
More results

Mô tả tương tự - PC33772ASP3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Alpha & Omega Semicondu...
AOZ9004D AOSMD-AOZ9004D Datasheet
473Kb / 16P
Single-Cell Battery Protection IC
AOZ9005D AOSMD-AOZ9005D Datasheet
380Kb / 16P
Single-Cell Battery Protection IC
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
List of Unclassifed Man...
CW1053 ETC1-CW1053 Datasheet
808Kb / 13P
5-cell battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5093 HMSEMI-HM5093 Datasheet
1Mb / 9P
three-cell battery charging managment IC
logo
NXP Semiconductors
MC33771B NXP-MC33771B Datasheet
563Kb / 29P
Battery cell controller IC
Rev. 6.0-22 June 2020
MC33772B NXP-MC33772B Datasheet
407Kb / 27P
Battery cell controller IC
Rev. 6.0 ??2 April 2020
MC33772C NXP-MC33772C Datasheet
520Kb / 27P
Battery cell controller IC
Rev. 3 ??4 June 2021
logo
Neotec Semiconductor Lt...
NT1724 NEOTEC-NT1724 Datasheet
347Kb / 4P
Battery Protection IC for 2-Cell
V1.05
logo
NXP Semiconductors
MC33771B_SDS NXP-MC33771B_SDS Datasheet
478Kb / 30P
Battery cell controller IC
Rev. 7.0 - 10 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com