công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5603BACLH4R bảng dữ liệu(PDF) 46 Page - NXP Semiconductors

tên linh kiện MPC5603BACLH4R
Giải thích chi tiết về linh kiện  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5603BACLH4R bảng dữ liệu(HTML) 46 Page - NXP Semiconductors

Back Button MPC5603BACLH4R Datasheet HTML 42Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 43Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 44Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 45Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 46Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 47Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 48Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 49Page - NXP Semiconductors MPC5603BACLH4R Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
46
2
2
2
PB[9]
1%
—
1%
—
1%
—
1%
—
PB[8]
1%
—
1%
—
1%
—
1%
—
PB[10]
6%
—
7%
—
6%
—
7%
—
—
—
PF[0]
6%
—
7%
—
—
—
—
—
—
—
PF[1]
7%
—
8%
—
—
—
—
—
—
—
PF[2]
7%
—
8%
—
—
—
—
—
—
—
PF[3]
7%
—
9%
—
—
—
—
—
—
—
PF[4]
8%
—
9%
—
—
—
—
—
—
—
PF[5]
8%
—
10%
—
—
—
—
—
—
—
PF[6]
8%
—
10%
—
—
—
—
—
—
—
PF[7]
9%
—
10%
—
—
—
—
—
2
—
PD[0]
1%
—
1%
—
—
—
—
—
—
PD[1]
1%
—
1%
—
—
—
—
—
—
PD[2]
1%
—
1%
—
—
—
—
—
—
PD[3]
1%
—
1%
—
—
—
—
—
—
PD[4]
1%
—
1%
—
—
—
—
—
—
PD[5]
1%
—
1%
—
—
—
—
—
—
PD[6]
1%
—
1%
—
—
—
—
—
—
PD[7]
1%
—
1%
—
—
—
—
—
—
PD[8]
1%
—
1%
—
—
—
—
—
2
PB[4]
1%
—
1%
—
1%
—
1%
—
PB[5]
1%
—
1%
—
1%
—
2%
—
PB[6]
1%
—
1%
—
1%
—
2%
—
PB[7]
1%
—
1%
—
1%
—
2%
—
—
PD[9]
1%
—
1%
—
—
—
—
—
—
PD[10]
1%
—
1%
—
—
—
—
—
—
PD[11]
1%
—
1%
—
—
—
—
—
2
PB[11]
11%
—
13%
—
17%
—
21%
—
—
PD[12]
11%
—
13%
—
—
—
—
—
2
PB[12]
11%
—
13%
—
18%
—
21%
—
—
PD[13]
10%
—
12%
—
—
—
—
—
Table 23. I/O weight1 (continued)
Supply segment
Pad
144/100 LQFP
64 LQFP
Weight 5 V
Weight 3.3 V
Weight 5 V
Weight 3.3 V
144
LQFP
100
LQFP
64
LQFP2
SRC3 =0 SRC=1 SRC =0 SRC=1 SRC =0 SRC=1 SRC =0 SRC=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com