| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5603BACLH4R bảng dữ liệu(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5603BACLH4R bảng dữ liệu(HTML) 29 Page - NXP Semiconductors |
|
29 / 109 page ![]() Package pinouts and signal descriptions MPC5604B/C Microcontroller Data Sheet, Rev. 15 NXP Semiconductors 29 2.7 Nexus 2+ pins In the 208 MAPBGA package, eight additional debug pins are available (see Table 6). 1 Alternate functions are chosen by setting the values of the PCR.PA bitfields inside the SIUL module. PCR.PA = 00 → AF0; PCR.PA = 01 → AF1; PCR.PA = 10 → AF2; PCR.PA = 11 → AF3. This is intended to select the output functions; to use one of the input functions, the PCR.IBE bit must be written to ‘1’, regardless of the values selected in the PCR.PA bitfields. For this reason, the value corresponding to an input only function is reported as “—”. 2 Multiple inputs are routed to all respective modules internally. The input of some modules must be configured by setting the values of the PSMIO.PADSELx bitfields inside the SIUL module. 3 208 MAPBGA available only as development package for Nexus2+ 4 All WKPU pins also support external interrupt capability. See wakeup unit chapter for further details. 5 NMI has higher priority than alternate function. When NMI is selected, the PCR.AF field is ignored. 6 “Not applicable” because these functions are available only while the device is booting. Refer to BAM chapter of the reference manual for details. 7 Value of PCR.IBE bit must be 0 8 Be aware that this pad is used on the MPC5607B 100-pin and 144-pin to provide VDD_HV_ADC and VSS_HV_ADC1. Therefore, you should be careful in ensuring compatibility between MPC5604B/C and MPC5607B. 9 Out of reset all the functional pins except PC[0:1] and PH[9:10] are available to the user as GPIO. PC[0:1] are available as JTAG pins (TDI and TDO respectively). PH[9:10] are available as JTAG pins (TCK and TMS respectively). If the user configures these JTAG pins in GPIO mode the device is no longer compliant with IEEE 1149.1-2001. 10 The TDO pad has been moved into the STANDBY domain in order to allow low-power debug handshaking in STANDBY mode. However, no pull-resistor is active on the TDO pad while in STANDBY mode. At this time the pad is configured as an input. When no debugger is connected the TDO pad is floating causing additional current consumption. To avoid the extra consumption TDO must be connected. An external pull-up resistor in the range of 47–100 k Ω should be added between the TDO pin and VDD_HV. Only in case the TDO pin is used as application pin and a pull-up cannot be used then a pull-down resistor with the same value should be used between TDO pin and GND instead. 11 Available only on MPC560xC versions, MPC5603B 64 LQFP, MPC5604B 64 LQFP and MPC5604B 208 MAPBGA devices 12 Not available on MPC5602B devices 13 Not available in 100 LQFP package 14 Available only on MPC5604B 208 MAPBGA devices 15 Not available on MPC5603B 144-pin devices Table 6. Nexus 2+ pin descriptions Debug pin Function I/O direction Pad type Function after reset Pin number 100 LQFP 144 LQFP 208 MAP BGA MCKO Message clock out O F — — — T4 MDO0 Message data out 0 O M — — — H15 MDO1 Message data out 1 O M — — — H16 MDO2 Message data out 2 O M — — — H14 MDO3 Message data out 3 O M — — — H13 |