| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5603BACLH4R bảng dữ liệu(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5603BACLH4R bảng dữ liệu(HTML) 43 Page - NXP Semiconductors |
|
43 / 109 page ![]() Package pinouts and signal descriptions MPC5604B/C Microcontroller Data Sheet, Rev. 15 NXP Semiconductors 43 Table 22 provides I/O consumption figures. In order to ensure device reliability, the average current of the I/O on a single segment should remain below the IAVGSEG maximum value. 1 208 MAPBGA available only as development package for Nexus2+ Table 22. I/O consumption Symbol C Parameter Conditions1 Value Unit Min Typ Max ISWTSLW ,2 CC D Dynamic I/O current for SLOW configuration CL = 25 pF VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 20 mA VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 16 ISWTMED 2 CC D Dynamic I/O current for MEDIUM configuration CL = 25 pF VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 29 mA VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 17 ISWTFST 2 CC D Dynamic I/O current for FAST configuration CL = 25 pF VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 110 mA VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 50 IRMSSLW CC D Root mean square I/O current for SLOW configuration CL = 25 pF, 2 MHz VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 2.3 mA CL = 25 pF, 4 MHz — — 3.2 CL = 100 pF, 2 MHz — — 6.6 CL = 25 pF, 2 MHz VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 1.6 CL = 25 pF, 4 MHz — — 2.3 CL = 100 pF, 2 MHz — — 4.7 IRMSMED CC D Root mean square I/O current for MEDIUM configuration CL = 25 pF, 13 MHz VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 6.6 mA CL = 25 pF, 40 MHz — — 13.4 CL = 100 pF, 13 MHz — — 18.3 CL = 25 pF, 13 MHz VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 5 CL = 25 pF, 40 MHz — — 8.5 CL = 100 pF, 13 MHz — — 11 IRMSFST CC D Root mean square I/O current for FAST configuration CL = 25 pF, 40 MHz VDD = 5.0 V ± 10%, PAD3V5V = 0 —— 22 mA CL = 25 pF, 64 MHz — — 33 CL = 100 pF, 40 MHz — — 56 CL = 25 pF, 40 MHz VDD = 3.3 V ± 10%, PAD3V5V = 1 —— 14 CL = 25 pF, 64 MHz — — 20 CL = 100 pF, 40 MHz — — 35 |