| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5603BACLH4R bảng dữ liệu(PDF) 40 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5603BACLH4R bảng dữ liệu(HTML) 40 Page - NXP Semiconductors |
|
40 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 15 Package pinouts and signal descriptions NXP Semiconductors 40 Table 17. SLOW configuration output buffer electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value Unit Min Typ Max VOH CC P Output high level SLOW configuration Push Pull IOH = −2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— V CIOH = −2mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 2 2 The configuration PAD3V5 = 1 when V DD = 5 V is only a transient configuration during power-up. All pads but RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state. 0.8VDD —— CIOH = −1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD−0.8 — — VOL CC P Output low level SLOW configuration Push Pull IOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) — — 0.1VDD V CIOL = 2 mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 2 — — 0.1VDD CIOL = 1 mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) —— 0.5 Table 18. MEDIUM configuration output buffer electrical characteristics Symbol C Parameter Conditions1 Value Unit Min Typ Max VOH CC C Output high level MEDIUM configuration Push Pull IOH = −3.8 mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 0.8VDD —— V PIOH = −2mA, VDD = 5.0 V ± 10%, PAD3V5V = 0 (recommended) 0.8VDD —— CIOH = −1mA, VDD = 5.0 V ± 10%, PAD3V5V = 1 2 0.8VDD —— CIOH = −1mA, VDD = 3.3 V ± 10%, PAD3V5V = 1 (recommended) VDD−0.8 — — CIOH = −100 µA, VDD = 5.0 V ± 10%, PAD3V5V = 0 0.8VDD —— |