| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L100RC bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L100RC bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 106 page ![]() DocID024995 Rev 5 35/106 STM32L100RC 40 4. The PH0 and PH1 I/Os are only configured as OSC_IN/OSC_OUT when the HSE oscillator is ON (by setting the HSEON bit in the RCC_CR register). The HSE oscillator pins OSC_IN/OSC_OUT can be used as general-purpose PH0/PH1 I/Os, respectively, when the HSE oscillator is off ( after reset, the HSE oscillator is off ). The HSE has priority over the GPIO function. |