công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L100RC bảng dữ liệu(PDF) 28 Page - STMicroelectronics

tên linh kiện STM32L100RC
Giải thích chi tiết về linh kiện  Ultra-low-power 32b MCU ARM®-based Cortex®-M3, 256KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100RC bảng dữ liệu(HTML) 28 Page - STMicroelectronics

Back Button STM32L100RC Datasheet HTML 24Page - STMicroelectronics STM32L100RC Datasheet HTML 25Page - STMicroelectronics STM32L100RC Datasheet HTML 26Page - STMicroelectronics STM32L100RC Datasheet HTML 27Page - STMicroelectronics STM32L100RC Datasheet HTML 28Page - STMicroelectronics STM32L100RC Datasheet HTML 29Page - STMicroelectronics STM32L100RC Datasheet HTML 30Page - STMicroelectronics STM32L100RC Datasheet HTML 31Page - STMicroelectronics STM32L100RC Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
Functional overview
STM32L100RC
28/106
DocID024995 Rev 5
3.15.3
Serial peripheral interface (SPI)
Up to three SPIs are able to communicate at up to 16 Mbits/s in slave and master modes in
full-duplex and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame is configurable to 8 bits or 16 bits. The hardware CRC
generation/verification supports basic SD Card/MMC modes.
The SPIs can be served by the DMA controller.
3.15.4
Universal serial bus (USB)
The STM32L100RC device embeds a USB device peripheral compatible with the USB full-
speed 12 Mbit/s. The USB interface implements a full-speed (12 Mbit/s) function interface. It
has software-configurable endpoint setting and supports suspend/resume. The dedicated
48 MHz clock is generated from the internal main PLL (the clock source must use a HSE
crystal oscillator).
3.16
CRC (cyclic redundancy check) calculation unit
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code from a 32-bit
data word and a fixed generator polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More