| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L100RC bảng dữ liệu(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L100RC bảng dữ liệu(HTML) 98 Page - STMicroelectronics |
|
98 / 106 page ![]() Package information STM32L100RC 98/106 DocID024995 Rev 5 7 Package information In order to meet environmental requirements, ST offers this device in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP64, 10 x 10 mm, 64-pin low-profile quad flat package information Figure 27. LQFP64, 10 x 10 mm, 64-pin low-profile quad flat package outline 1. Drawing is not to scale. |