| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L053C8 bảng dữ liệu(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053C8 bảng dữ liệu(HTML) 66 Page - STMicroelectronics |
|
66 / 136 page ![]() Electrical characteristics STM32L053x6 STM32L053x8 66/136 DS10152 Rev 9 Figure 14. IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power run mode, code running from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS MSv34794V3 0 WS - 55°C 0 WS - 85°C 0 WS - 105°C 0 WS – 25°C 0 WS - 125°C VDD (V) IDD (mA) 0 5.00E-03 1.00E-02 1.50E-02 2.00E-02 2.50E-02 3.00E-02 3.50E-02 1.80 2.00 2.20 2.40 2.60 2.80 3.00 3.20 3.40 3.60 Table 34. Current consumption in Low-power sleep mode Symbol Parameter Conditions Typ Max(1) Unit IDD (LP Sleep) Supply current in Low-power sleep mode All peripherals OFF, VDD from 1.65 to 3.6 V MSI clock = 65 kHz, fHCLK = 32 kHz, Flash OFF TA = − 40 to 25°C 4.7(2) - µA MSI clock = 65 kHz, fHCLK = 32 kHz, Flash ON TA = − 40 to 25°C 17 23 TA = 85 °C 19.5 63 TA = 105 °C 23 69 TA = 125 °C 32.5 90 MSI clock =65 kHz, fHCLK = 65 kHz, Flash ON TA = − 40 to 25°C 17 23 TA = 85 °C 20 63 TA = 105 °C 23.5 69 TA = 125 °C 32.5 90 MSI clock = 131 kHz, fHCLK = 131 kHz, Flash ON TA = − 40 to 25°C 19.5 36 TA = 55 °C 20.5 64 TA = 85 °C 22.5 66 TA = 105 °C 26 72 TA = 125 °C 35 95 1. Guaranteed by characterization results at 125 °C, unless otherwise specified. 2. As the CPU is in Sleep mode, the difference between the current consumption with Flash ON and OFF (nearly 12 µA) is the same whatever the clock frequency. |