công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L053C8 bảng dữ liệu(PDF) 53 Page - STMicroelectronics

tên linh kiện STM32L053C8
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 bảng dữ liệu(HTML) 53 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 49Page - STMicroelectronics STM32L053C8 Datasheet HTML 50Page - STMicroelectronics STM32L053C8 Datasheet HTML 51Page - STMicroelectronics STM32L053C8 Datasheet HTML 52Page - STMicroelectronics STM32L053C8 Datasheet HTML 53Page - STMicroelectronics STM32L053C8 Datasheet HTML 54Page - STMicroelectronics STM32L053C8 Datasheet HTML 55Page - STMicroelectronics STM32L053C8 Datasheet HTML 56Page - STMicroelectronics STM32L053C8 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 136 page
background image
DS10152 Rev 9
53/136
STM32L053x6 STM32L053x8
Electrical characteristics
113
6.1.7
Optional LCD power supply scheme
Figure 10. Optional LCD power supply scheme
1. Option 1: LCD power supply is provided by a dedicated VLCD supply source, VSEL switch is open.
2. Option 2: LCD power supply is provided by the internal step-up converter, VSEL switch is closed, an
external capacitance is needed for correct behavior of this converter.
6.1.8
Current consumption measurement
Figure 11. Current consumption measurement scheme
MSv33791V1
VDD
N x 100 nF
+ 1 x 10 μF
Step-up
Converter
VSS
VDD
100 nF
VLCD
VLCD
CEXT
LCD
VSEL
Option 1
Option 2
MSv34711V1
NxVDD
IDD
N × 100 nF
+ 1 × 10 μF
NxVSS
VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More