công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L053C8 bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện STM32L053C8
Giải thích chi tiết về linh kiện  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 64KB Flash, 8KB SRAM, 2KB EEPROM, LCD, USB, ADC, DAC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L053C8 bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button STM32L053C8 Datasheet HTML 53Page - STMicroelectronics STM32L053C8 Datasheet HTML 54Page - STMicroelectronics STM32L053C8 Datasheet HTML 55Page - STMicroelectronics STM32L053C8 Datasheet HTML 56Page - STMicroelectronics STM32L053C8 Datasheet HTML 57Page - STMicroelectronics STM32L053C8 Datasheet HTML 58Page - STMicroelectronics STM32L053C8 Datasheet HTML 59Page - STMicroelectronics STM32L053C8 Datasheet HTML 60Page - STMicroelectronics STM32L053C8 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 136 page
background image
DS10152 Rev 9
57/136
STM32L053x6 STM32L053x8
Electrical characteristics
113
2. VDD_USB must respect the following conditions:
- When VDD is powered-on (VDD < VDD_min), VDD_USB should be always lower than VDD.
- When VDD is powered-down (VDD < VDD_min), VDD_USB should be always lower than VDD.
- In operating mode, VDD_USB could be lower or higher VDD.
- If the USB is not used, VDD_USB must range from VDD_min to VDD_max to be able to use PA11 and PA12 as standard I/Os.
- If the USB is not used and PA11/PA12 are not used as standard I/Os, VDD_USB must be connected to a VSS or VDD power
supply voltage (VDD_USB must not be left floating).
3. To sustain a voltage higher than VDD+0.3V, the internal pull-up/pull-down resistors must be disabled.
4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJ max (see Table 85: Thermal characteristics on
page 127).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More