| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L053C8 bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L053C8 bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 136 page ![]() Electrical characteristics STM32L053x6 STM32L053x8 64/136 DS10152 Rev 9 Table 32. Current consumption in Sleep mode Symbol Parameter Conditions fHCLK Typ Max(1) Unit IDD (Sleep) Supply current in Sleep mode, Flash OFF fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2 above 16 MHz (PLL ON)(2) Range 3, VCORE=1.2 V, VOS[1:0]=11 1 MHz 43.5 90 µA 2 MHz 72 120 4 MHz 130 180 Range 2, VCORE=1.5 V, VOS[1:0]=10 4 MHz 160 210 8 MHz 305 370 16 MHz 590 710 Range 1, VCORE=1.8 V, VOS[1:0]=01 8 MHz 370 430 16 MHz 715 860 32 MHz 1650 1900 MSI clock Range 3, VCORE=1.2 V, VOS[1:0]=11 65 kHz 18 65 524 kHz 31.5 75 4.2 MHz 140 210 HSI16 clock source (16 MHz) Range 2, VCORE=1.5 V, VOS[1:0]=10 16 MHz 665 830 Range 1, VCORE=1.8 V, VOS[1:0]=01 32 MHz 1750 2100 Supply current in Sleep mode, Flash ON fHSE = fHCLK up to 16 MHz included, fHSE = fHCLK/2 above 16 MHz (PLL ON)(2) Range 3, VCORE=1.2 V, VOS[1:0]=11 1 MHz 57.5 130 2 MHz 84 170 4 MHz 150 280 Range 2, CORE=1.5 V, VOS[1:0]=10 4 MHz 170 310 8 MHz 315 420 16 MHz 605 770 Range 1, VCORE=1.8 V, VOS[1:0]=01 8 MHz 380 460 16 MHz 730 950 32 MHz 1650 2400 MSI clock Range 3, VCORE=1.2 V, VOS[1:0]=11 65 kHz 29.5 110 524 kHz 44.5 130 4.2 MHz 150 270 HSI16 clock source (16 MHz) Range 2, VCORE=1.5 V, VOS[1:0]=10 16 MHz 680 950 Range 1, VCORE=1.8 V, VOS[1:0]=01 32 MHz 1750 2100 1. Guaranteed by characterization results at 125 °C, unless otherwise specified. |