| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H750IB bảng dữ liệu(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H750IB bảng dữ liệu(HTML) 87 Page - STMicroelectronics |
|
87 / 337 page ![]() Table 13. Port F alternate functions Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2/16/ 17/LPTIM1/ HRTIM1 SAI1/TIM3/ 4/5/12/ HRTIM1 LPUART/ TIM8/ LPTIM2/3/4 /5/HRTIM1/ DFSDM1 I2C1/2/3/4/ USART1/ TIM15/ LPTIM2/ DFSDM1/ CEC SPI1/2/3/4/ 5/6/CEC SPI2/3/SAI1 /3/I2C4/ UART4/ DFSDM1 SPI2/3/6/ USART1/2/ 3/6/UART7/ SDMMC1 SPI6/SAI2/ 4/UART4/5/ 8/LPUART/ SDMMC1/ SPDIFRX1 SAI4/ FDCAN1/2/ TIM13/14/ QUADSPI/ FMC/ SDMMC2/ LCD/ SPDIFRX1 SAI2/4/ TIM8/ QUADSPI/ SDMMC2/ OTG1_HS/ OTG2_FS/ LCD I2C4/ UART7/ SWPMI1/ TIM1/8/ DFSDM1/ SDMMC2/ MDIOS/ ETH TIM1/8/FMC /SDMMC1/ MDIOS/ OTG1_FS/ LCD TIM1/DCMI /LCD/ COMP UART5/ LCD SYS PF0 --- - I2C2_SDA - - - - - -- FMC_A0 - - EVENT- OUT PF1 --- - I2C2_SCL - - - - - -- FMC_A1 - - EVENT- OUT PF2 --- - I2C2_SMBA - - - - - -- FMC_A2 - - EVENT- OUT PF3 --- - - - - - - - -- FMC_A3 - - EVENT- OUT PF4 --- - - - - - - - -- FMC_A4 - - EVENT- OUT PF5 --- - - - - - - - -- FMC_A5 - - EVENT- OUT PF6 - TIM16_CH1 - - - SPI5_NSS SAI1_SD_B UART7_RX SAI4_SD_ B QUADSPI_ BK1_IO3 -- - - - EVENT- OUT PF7 - TIM17_CH1 - - - SPI5_SCK SAI1_MCLK _B UART7_TX SAI4_ MCLK_B QUADSPI_ BK1_IO2 -- - - - EVENT- OUT PF8 - TIM16_ CH1N -- - SPI5_ MISO SAI1_SCK_ B UART7_ RTS/ UART7_ DE SAI4_SCK _B TIM13_ CH1 QUADSPI_ BK1_IO0 -- - - EVENT- OUT PF9 - TIM17_ CH1N -- - SPI5_ MOSI SAI1_FS_B UART7_ CTS SAI4_FS_B TIM14_CH 1 QUADSPI_ BK1_IO1 -- - - EVENT- OUT PF10 - TIM16_ BKIN SAI1_D3 - - - - - - QUADSPI_ CLK SAI4_D3 - - DCMI_D11 LCD_DE EVENT- OUT PF11 --- - - SPI5_ MOSI - --- SAI2_SD_B - FMC_ SDNRAS DCMI_D12 - EVENT- OUT PF12 --- - - - - - - - -- FMC_A6 - - EVENT- OUT PF13 --- DFSDM1_ DATIN6 I2C4_SMBA - - - - - - - FMC_A7 - - EVENT- OUT PF14 --- DFSDM1_ CKIN6 I2C4_SCL - - - - - - - FMC_A8 - - EVENT- OUT PF15 --- - I2C4_SDA - - - - - -- FMC_A9 - - EVENT- OUT |