công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC8166 bảng dữ liệu(PDF) 15 Page - Vitesse Semiconductor Corporation

tên linh kiện VSC8166
Giải thích chi tiết về linh kiện  2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VITESSE [Vitesse Semiconductor Corporation]
Trang chủ  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8166 bảng dữ liệu(HTML) 15 Page - Vitesse Semiconductor Corporation

Back Button VSC8166 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8166 Datasheet HTML 16Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 15
11/9/99
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8166
2.488 Gbit/sec
1:16 SONET/SDH Demux with Clock Recovery
G52252-0, Rev. 3.0
Table 6: Maximum Ambient Air Temperature without Heatsink
Note that ambient air temperature varies throughout the system based on the positioning and magnitude of
heat sources and the direction of air flow.
Notice
This document contains preliminary information about a new product in the preproduction phase of develop-
ment. The information in this document is based on initial product characterization. Vitesse reserves the right to
alter specifications, features, capabilities, functions, manufacturing release dates, and even general availability
of the product at any time. The reader is cautioned to confirm this datasheet is current prior to using it for
design.
Warning
Vitesse Semiconductor Corporation’s product are not intended for use in life support appliances, devices or
systems. Use of a Vitesse product in such applications without written consent is prohibited.
Airflow
Max Ambient Temp oC
none
29.6
100 lfpm
39.5
200 lfpm
46.6
400 lfpm
51.4
600 lfpm
55.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16