công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W5300 bảng dữ liệu(PDF) 86 Page - WIZnet Co., Ltd

tên linh kiện W5300
Giải thích chi tiết về linh kiện  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIZNET [WIZnet Co., Ltd]
Trang chủ  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 bảng dữ liệu(HTML) 86 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 82Page - WIZnet Co., Ltd W5300 Datasheet HTML 83Page - WIZnet Co., Ltd W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd W5300 Datasheet HTML 86Page - WIZnet Co., Ltd W5300 Datasheet HTML 87Page - WIZnet Co., Ltd W5300 Datasheet HTML 88Page - WIZnet Co., Ltd W5300 Datasheet HTML 89Page - WIZnet Co., Ltd W5300 Datasheet HTML 90Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
86
Sn_RX_RSR automatically decreases by 2bytes whenever the host reads Sn_RX_FIFOR.
In case of 'Sn_RX_RSR > 0', there is one or more DATA packet in internal RX memory. And the
received data should be processed in DATA packet unit. Refer to Sn_RX_FIFOR.
Ex1) Sn_RX_RSR = 64KB = 65536 = 0x00010000
Sn_RX_RSR(0x08228+0x40n/0x228+0x040n)
Sn_RX_RSR0(0x08228+0x40n/0x21C+0x040n)
Sn_RX_RSR1(0x08229+0x40n/0x229+0x040n)
Reserved
-
-
-
-
-
-
-
‘1’
Sn_RX_RSR2(0x0822A+0x40n/0x22A+0x040n)
Sn_RX_RSR2(0x0822A+0x40n/0x22A+0x040n)
Sn_RX_RSR3(0x0822B+0x40n/0x22B+0x040n)
0x00
0x00
Ex2) Sn_RX_RSR = 3800 = 0x00000ED8
Sn_RX_RSR(0x08228+0x40n/0x228+0x040n)
Sn_RX_RSR0(0x08228+0x40n/0x21C+0x040n)
Sn_RX_RSR1(0x08229+0x40n/0x229+0x040n)
Reserved
-
-
-
-
-
-
-
‘0’
Sn_RX_RSR2(0x0822A+0x40n/0x22A+0x040n)
Sn_RX_RSR2(0x0822A+0x40n/0x22A+0x040n)
Sn_RX_RSR3(0x0822B+0x40n/0x22B+0x040n)
0x0E
0xD8
Sn_FRAGR (SOCKETn Fragment Register) [R/W] [0x0822C+0x40n/0x22C+0x40n] [0x40]
It sets the fragment field of the IP header at the IP layer. W5300 does not support the packet
fragment at the IP layer. Even though Sn_FRAGR is configured, IP data is not fragmented. And
its configuration is not recommended.
It should be configured before performing OPEN
command.
Ex) Sn_FRAG
R = 0x40 (Don’t Fragment)
Sn_FRAGR(0x0822C+0x40n/0x22C+0x040n)
Sn_FRAGR0(0x0822C+0x40n/0x22C+0x040n)
Sn_FRAGR1(0x0822D+0x40n/0x22D+0x040n)
Reserved
0x40
Sn_TX_FIFOR
(SOCKETn
TX FIFO
Register)
[R/W]
[0x0822E+0x40n/0x22E+0x40n]
[0xUUUU]
It indirectly accesses internal TX memory of SOCKETn.
The internal TX memory can't be accessed directly by the host, but can be accessed through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More