công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W5300 bảng dữ liệu(PDF) 83 Page - WIZnet Co., Ltd

tên linh kiện W5300
Giải thích chi tiết về linh kiện  High-Performance Internet Connectivity Solution
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIZNET [WIZnet Co., Ltd]
Trang chủ  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5300 bảng dữ liệu(HTML) 83 Page - WIZnet Co., Ltd

Back Button W5300 Datasheet HTML 79Page - WIZnet Co., Ltd W5300 Datasheet HTML 80Page - WIZnet Co., Ltd W5300 Datasheet HTML 81Page - WIZnet Co., Ltd W5300 Datasheet HTML 82Page - WIZnet Co., Ltd W5300 Datasheet HTML 83Page - WIZnet Co., Ltd W5300 Datasheet HTML 84Page - WIZnet Co., Ltd W5300 Datasheet HTML 85Page - WIZnet Co., Ltd W5300 Datasheet HTML 86Page - WIZnet Co., Ltd W5300 Datasheet HTML 87Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
© Copyright 2008-2014 WIZnet Co.,Ltd.
All rights reserved.
83
KA packet can be transmitted after Sn_SSR is changed to SOCK_ESTABLISHED and more
than one time DATA packet transmitting or receiving. In case of 'Sn_KPALVTR > 0', W5300
automatically transmits KA packet after time-period, and checks TCP connection (Auto-keep-
alive-process). In case of 'Sn_KPALVTR = 0', Auto-keep-alive-process does not operate, and KA
packet can be transmitted by SEND_KEEP command by the host (Manual-keep-alive-process).
Manual-keep-alive-process is ignored in case of 'Sn_KPALVTR > 0'
Ex) In case of 'Sn_KPALVTR = 10', KA packet is transmitted every 50s.
Sn_PROTOR(0x0821A+0x40n/0x21A+0x040n)
Sn_KPALVTR(0x0821A+0x40n/0x21A+0x040n)
Sn_PROTOR (0x0821B+0x40n/0x21B+0x040n)
10 (0x0A)
Sn_PROTOR
Sn_PROTOR (SOCKETn Protocol Number Register)[R/W]
[0x0821B+0x40n/0x21B+0x40n] [0x00]
It is 1 byte register that sets protocol number field of IP header at the IP layer.
It is valid only in IPRAW mode, and ignored in other modes. Sn_PROTOR is set before OPEN
command. SOCKETn opened as IPRAW mode, transmits and receives the data of protocol
number set in Sn_PROTOR. Sn_PROTOR can be assigned in the range of 0x00 ~ 0xFF, but
W5300 does not support TCP(0x06) and UDP(0x11) protocol number
Protocol number is defined in IANA(Internet assigned numbers authority). For the detail, refer to
online document (http://www.iana.org/assignments/protocol-numbers).
Ex) Sn_PROTOR = 0x01 (ICMP)
Sn_PROTOR(0x0821A+0x40n/0x21A+0x040n)
Sn_KPALVTR(0x0821A+0x40n/0x21A+0x040n)
Sn_PROTOR (0x0821B+0x40n/0x21B+0x040n)
Sn_KPALVTR
0x01
Sn_TOSR (SOCKETn TOS Register) [R/W] [0x0821C+0x40n/0x21C+40n] [0x00]
It sets TOS(Type of Service) field of IP header at the IP layer. It should be set before OPEN
command. Refer to http://www.iana.org/assignments/ip-parameters.
Ex) Sn_TOSR = 0x00
Sn_TOSR(0x0821C+0x40n/0x21C+0x040n)
Sn_TOSR0(0x0821C+0x40n/0x21C+0x040n)
Sn_TOSR1(0x0821D+0x40n/0x21D+0x040n)
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More