| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8335 bảng dữ liệu(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8335 bảng dữ liệu(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 160 page ![]() Interrupt Vector Table 56F8335 Technical Data, Rev. 1 Freescale Semiconductor 37 Preliminary Note: PWMA, FlexCAN, Quadrature Decoder 1, and Quad Timers B and D are NOT available on the 56F8135 device. Table 4-5 Interrupt Vector Table Contents1 Peripheral Vector Number Priority Level Vector Base Address + Interrupt Function Reserved for Reset Overlay2 Reserved for COP Reset Overlay2 core 2 3 P:$04 Illegal Instruction core 3 3 P:$06 SW Interrupt 3 core 4 3 P:$08 HW Stack Overflow core 5 3 P:$0A Misaligned Long Word Access core 6 1-3 P:$0C OnCE Step Counter core 7 1-3 P:$0E OnCE Breakpoint Unit 0 Reserved core 9 1-3 P:$12 OnCE Trace Buffer core 10 1-3 P:$14 OnCE Transmit Register Empty core 11 1-3 P:$16 OnCE Receive Register Full Reserved core 14 2 P:$1C SW Interrupt 2 core 15 1 P:$1E SW Interrupt 1 core 16 0 P:$20 SW Interrupt 0 core 17 0-2 P:$22 IRQA core 18 0-2 P:$24 IRQB Reserved LVI 20 0-2 P:$28 Low Voltage Detector (power sense) PLL 21 0-2 P:$2A PLL FM 22 0-2 P:$2C FM Access Error Interrupt FM 23 0-2 P:$2E FM Command Complete FM 24 0-2 P:$30 FM Command, data and address Buffers Empty Reserved FLEXCAN 26 0-2 P:$34 FLEXCAN Bus Off FLEXCAN 27 0-2 P:$36 FLEXCAN Error FLEXCAN 28 0-2 P:$38 FLEXCAN Wake Up FLEXCAN 29 0-2 P:$3A FLEXCAN Message Buffer Interrupt |