công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IND16337 bảng dữ liệu(PDF) 3 Page - Integral Corp.

tên linh kiện IND16337
Giải thích chi tiết về linh kiện  64-BIT AC-PDP DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEGRAL [Integral Corp.]
Trang chủ  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IND16337 bảng dữ liệu(HTML) 3 Page - Integral Corp.

  IND16337 Datasheet HTML 1Page - Integral Corp. IND16337 Datasheet HTML 2Page - Integral Corp. IND16337 Datasheet HTML 3Page - Integral Corp. IND16337 Datasheet HTML 4Page - Integral Corp. IND16337 Datasheet HTML 5Page - Integral Corp. IND16337 Datasheet HTML 6Page - Integral Corp. IND16337 Datasheet HTML 7Page - Integral Corp. IND16337 Datasheet HTML 8Page - Integral Corp. IND16337 Datasheet HTML 9Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IND16337
Korzhenevsky 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22
Tel:
+375 (17) 278 49 09, 212 27 02
Tel/fax: +375 (17) 212 68 53
E-mail: office@bms.by
URL:
www.bms.by
3
PIN DESCRIPTION
Symbol
Pin Name
Pin Number
Description
PC
Polarity change input
47
PC = L: All driver output invert
BLK
Blank input
48
BLK = H: All output = H or L
LE
Latch enable input
34
Automatically executes latch by setting High at rising
edgeof the clock
A1 to A4
RIGHT data input/output 43 to 46
B1 to B4
LEFT data input/output
38 to 35
When R/L = H,
A1 to A4: Input B1 to B4: Output
When R/L = L,
A1 to A4: Output B1 to B4:Input
CLK
Clock input
33
Shift executed on fall
R/L
Shift control input
41
Right shift mode when R/L = H
SR1: A1
→ S1 ··· S61 → B1
(Same direction for SR2·SR4)
Left shift mode when R/L = L
SR1: B1
→ S61 ··· S1 → A1
(Same direction for SR2·SR4)
O1 to O64 High withstand voltage
output
54 to 75, 81 to
100, 6 to 27
130 V, 40 mA MAX.
VDD1
Power supply for logic
block
42
5 V +10%
VDD2
Power supply for driver
block
2, 29, 52, 79
30 to 130 V
VSS1
Logic GND
39
Connect to system GND
VSS2
Driver GND
4, 31, 50, 77
Connect to system GND
NC
Non-connection
1, 3, 5, 28, 30,
32, 40, 49, 51,
53, 76, 78, 80
Non-connection
Ensure that pin 40 is left open.
TRUTH TABLE 1 (Shift Register Block)
Input
Output
Shift Register
R/L
CLK
A
B
H
Output
Note 1
Right shift execution
H
H or L
Input
Output
Hold
L
Output
Note 2
Input
Left shift execution
L
H or L
Output
Hold
Notes 1. The data of S57, S58, S59, S60 shifts to S61, S62, S63, S64 and is output from B1, B2, B3, B4 at
the falling edge of the clock, respectively.
2.
The data of S5, S6, S7, S8 shifts to S1, S2, S3, S4 and is output from A1, A2, A3, A4 at the
falling edge of the clock, respectively.
TRUTH TABLE 2 (Latch Block)
LE
CLK
Output State of Latch Block (Ln)
Latch Sn data and hold output data
H
Hold latch data
L
X
Hold latch data



Html Pages

1 2 3 4 5 6 7 8 9