công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F011ASH020SC bảng dữ liệu(PDF) 49 Page - Zilog, Inc.

tên linh kiện Z8F011ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC bảng dữ liệu(HTML) 49 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 46Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 49Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 50Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 51Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 52Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 276 page
background image
PS022815-0206
Low-Power Modes
Z8 Encore! XP® 4K Series
Product Specification
30
HALT Mode
Executing the eZ8 CPU’s HALT instruction places the device into HALT mode. In HALT
mode, the operating characteristics are:
• Primary oscillator is enabled and continues to operate.
• System clock is enabled and continues to operate.
• eZ8 CPU is stopped.
• Program counter (PC) stops incrementing.
• Watch-Dog Timer’s internal RC oscillator continues to operate.
• If enabled, the Watch-Dog Timer continues to operate.
• All other on-chip peripherals continue to operate, if enabled.
The eZ8 CPU can be brought out of HALT mode by any of the following operations:
• Interrupt
• Watch-Dog Timer time-out (interrupt or reset)
• Power-On reset
• Voltage-Brown out reset
• External RESET pin assertion
To minimize current in HALT mode, all GPIO pins that are configured as inputs must be
driven to one of the supply rails (VCC or GND).
Peripheral-Level Power Control
In addition to the STOP and Halt modes, it is possible to disable each peripheral on each
of the Z8 Encore! XP® 4K Series devices. Disabling a given peripheral minimizes its
power consumption.
Power Control Register Definitions
Power Control Register 0
Each bit of the following registers disables a peripheral block, either by gating its system
clock input or by removing power from the block.
The default state of the low-power operational amplifier (LPO) is OFF. To use the LPO,
clear the LPO bit, turning it ON. Clearing this bit might interfere with normal ADC mea-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com