công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F011ASH020SC bảng dữ liệu(PDF) 32 Page - Zilog, Inc.

tên linh kiện Z8F011ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC bảng dữ liệu(HTML) 32 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 29Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 30Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 31Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 32Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 33Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 34Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 35Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 36Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 276 page
background image
PS022815-0206
Address Space
Z8 Encore! XP® 4K Series
Product Specification
13
Address Space
Overview
The eZ8 CPU can access three distinct address spaces:
• The Register File contains addresses for the general-purpose registers and the eZ8 CPU,
peripheral, and general-purpose I/O port control registers.
• The Program Memory contains addresses for all memory locations having executable
code and/or data.
• The Data Memory contains addresses for all memory locations that contain data only.
These three address spaces are covered briefly in the following subsections. For more
detailed information regarding the eZ8 CPU and its address space, refer to the eZ8 CPU
User Manual available for download at www.zilog.com.
Register File
The Register File address space in the Z8 Encore!® MCU is 4KB (4096 bytes). The Regis-
ter File is composed of two sections: control registers and general-purpose registers. When
instructions are executed, registers defined as sources are read, and registers defined as
destinations are written. The architecture of the eZ8 CPU allows all general-purpose regis-
ters to function as accumulators, address pointers, index registers, stack areas, or scratch
pad memory.
The upper 256 bytes of the 4KB Register File address space are reserved for control of the
eZ8 CPU, the on-chip peripherals, and the I/O ports. These registers are located at
addresses from F00H to FFFH. Some of the addresses within the 256B control register sec-
tion are reserved (unavailable). Reading from a reserved Register File address returns an
undefined value. Writing to reserved Register File addresses is not recommended and can
produce unpredictable results.
The on-chip RAM always begins at address 000H in the Register File address space. The
Z8 Encore! XP® 4K Series devices contain 256B to 1KB of on-chip RAM. Reading from
Register File addresses outside the available RAM addresses (and not within the control
register address space) returns an undefined value. Writing to these Register File addresses
produces no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com