công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F011ASH020SC bảng dữ liệu(PDF) 24 Page - Zilog, Inc.

tên linh kiện Z8F011ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC bảng dữ liệu(HTML) 24 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 20Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 21Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 22Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 276 page
background image
PS022815-0206
Overview
Z8 Encore! XP® 4K Series
Product Specification
5
Non-Volatile Data Storage
The non-volatile data storage (NVDS) uses a hybrid hardware/software scheme to imple-
ment a byte programmable data memory and is capable of over 100,000 write cycles.
Internal Precision Oscillator
The internal precision oscillator (IPO) is a trimmable clock source that requires no exter-
nal components.
Crystal Oscillator
The crystal oscillator circuit provides highly accurate clock frequencies with the use of an
external crystal, ceramic resonator or RC network.
10-Bit Analog-to-Digital Converter
The optional analog-to-digital converter (ADC) converts an analog input signal to a 10-bit
binary number. The ADC accepts inputs from eight different analog input pins in both sin-
gle-ended and differential modes. The ADC also features a unity gain buffer when high
input impedance is required.
Low-Power Operational Amplifier
The optional low-power operational amplifier (LPO) is a general-purpose amplifier prima-
rily targeted for current sense applications. The LPO output may be routed internally to the
ADC or externally to a pin.
Analog Comparator
The analog comparator compares the signal at an input pin with either an internal pro-
grammable voltage reference or a second input pin. The comparator output can be used to
drive either an output pin or to generate an interrupt.
Temperature Sensor
The optional Temperature Sensor produces an analog output proportional to the device
temperature. This signal can be sent to either the ADC or the analog comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com