công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z8F011ASH020SC bảng dữ liệu(PDF) 45 Page - Zilog, Inc.

tên linh kiện Z8F011ASH020SC
Giải thích chi tiết về linh kiện  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F011ASH020SC bảng dữ liệu(HTML) 45 Page - Zilog, Inc.

Back Button Z8F011ASH020SC Datasheet HTML 41Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 42Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 43Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 44Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 46Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F011ASH020SC Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 276 page
background image
PS022815-0206
Reset, STOP Mode Recovery and Low Voltage Detection
Z8 Encore! XP® 4K Series
Product Specification
26
(RSTSTAT) Register is set to 1. Table 11 lists the STOP Mode Recovery sources and
resulting actions. The text following provides more detailed information about each of the
STOP Mode Recovery sources.
STOP Mode Recovery Using Watch-Dog Timer Time-Out
If the Watch-Dog Timer times out during STOP mode, the device undergoes a STOP
Mode Recovery sequence. In the Reset Status (RSTSTAT) register, the WDT and STOP
bits are set to 1. If the Watch-Dog Timer is configured to generate an interrupt upon time-
out and the Z8 Encore! XP® 4K Series device is configured to respond to interrupts, the
eZ8 CPU services the Watch-Dog Timer interrupt request following the normal STOP
Mode Recovery sequence.
STOP Mode Recovery Using a GPIO Port Pin Transition
Each of the GPIO Port pins may be configured as a STOP Mode Recovery input source.
On any GPIO pin enabled as a STOP Mode Recovery source, a change in the input pin
value (from High to Low or from Low to High) initiates STOP Mode Recovery. Note that
SMR pulses shorter than specified will not trigger a recovery. (See Table 134 on
page 219). When this happens, the STOP bit in the Reset Status (RSTSTAT) register is set
to 1.
In STOP mode, the GPIO Port Input Data registers (PxIN) are disabled. The Port Input
Data registers record the Port transition only if the signal stays on the Port pin through
the end of the STOP Mode Recovery delay. As a result, short pulses on the Port pin can
initiate STOP Mode Recovery without being written to the Port Input Data register or
without initiating an interrupt (if enabled for that pin).
Table 11. STOP Mode Recovery Sources and Resulting Action
Operating Mode
STOP Mode Recovery Source
Action
STOP mode
Watch-Dog Timer time-out
when configured for Reset
STOP Mode Recovery
Watch-Dog Timer time-out
when configured for interrupt
STOP Mode Recovery followed by
interrupt (if
interrupts are enabled)
Data transition on any GPIO Port pin
enabled as a STOP Mode Recovery
source
STOP Mode Recovery
Assertion of external
RESET Pin
System Reset
Debug Pin driven Low
System Reset
Caution:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com