| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
Z86017 bảng dữ liệu(PDF) 53 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86017 bảng dữ liệu(HTML) 53 Page - Zilog, Inc. |
|
53 / 138 page ![]() Z86017/Z16017 PCMCIA Interface Solution Product Specification Programming Internal Registers PS012002-1201 39 EEPROM Register Address: SELECT 01h Name: Interrupt Enable Register Type: Read/Write Table 13. Interrupt Enable Register: Address 01h Bit Placement Bit Name Description Bit 0 EN_PC_INT0 Enables Local Processor interrupt when PCMCIA host has written CCR0, the Con•guration Option Register. This interrupt stays present until this bit is set to 0. This bit is active when set to 1. On Power-On Reset, this bit is set to 0. Also see Registers 06h, 2Ch. Bit 1 EN_PC_INT1 Enables Local Processor interrupt when PCMCIA host has written CCR1, the Card Status Register. This interrupt stays present until this bit is set to 0. This bit is active when set to 1. On Power-On Reset, this bit is set to 0. Also see Registers 06h, 2Ch. Bit 2 EN_PC_INT2 Enables Local Processor interrupt when PCMCIA host has written CCR2, the Pin Replacement Register. This interrupt stays present until this bit is set to 0. This bit is active when set to 1. On Power-On Reset, this bit is set to 0. Also see Registers 06h, 2Ch. Bit 3 EN_PC_INT3 Enables Local Processor interrupt when PCMCIA host has written CCR3, the Socket and Copy Register. This interrupt stays present until this bit is set to 0. This bit is active when set to 1. On Power-On Reset, this bit is set to 0. Also see Registers 06h, 2Ch. Bit 4 EN_PC_INT4 Enables Local Processor interrupt when ATA_IREQ is asserted. This interrupt stays present until this bit is set to 0. This bit is active when set to 1. On Power-On Reset, this bit is set to 0. Also see Registers 06h, 2Ch. Bit 5 EN_EXTP_WP Enables external write protect pin as an input when set to 1. When set to 0, this bit is DASP on the local AT bus side. On Power-On Reset, this bit is set to 0. |