công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

Z86017 bảng dữ liệu(PDF) 70 Page - Zilog, Inc.

tên linh kiện Z86017
Giải thích chi tiết về linh kiện  PCMCIA Interface Solution
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZILOG [Zilog, Inc.]
Trang chủ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86017 bảng dữ liệu(HTML) 70 Page - Zilog, Inc.

Back Button Z86017 Datasheet HTML 66Page - Zilog, Inc. Z86017 Datasheet HTML 67Page - Zilog, Inc. Z86017 Datasheet HTML 68Page - Zilog, Inc. Z86017 Datasheet HTML 69Page - Zilog, Inc. Z86017 Datasheet HTML 70Page - Zilog, Inc. Z86017 Datasheet HTML 71Page - Zilog, Inc. Z86017 Datasheet HTML 72Page - Zilog, Inc. Z86017 Datasheet HTML 73Page - Zilog, Inc. Z86017 Datasheet HTML 74Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
PS012002-1201
Programming Internal Registers
56
EEPROM Register
Address: SELECT 13h
Name: Window 1 Range Address LSB
Type: Write/Read
EEPROM Register
Address: SELECT 14h
Name: Window 2 Control Register
Type: Write/Read
Table 33.
Window 1 Range Address LSB: Address 13h
Bit Placement
Bit Name
Description
Bits 7-0
LSB range Address for Port 1
Table 34.
Window 2 Control Register: Address 14h
Bit Placement
Bit Name
Description
Bit 0
DIS_PAC2
When this bit is set to 1, it disables Port 2 address control
and decoder.
Bit 1
EN_PAC2_MEM
When this bit is set to 1, Memory Mode decoder is
enabled. When it is cleared, the I/O Mode decoder is
enabled.
Bit 2
EN_PAC2_16
When this bit is set, data swapping is provided internal to
the chip during data reads from the low byte of the ATA
bus to the PCMCIA bus high byte, and from the high byte
of the PCMCIA bus to the low byte of the ATA bus during
data writes. When this bit is cleared, it is high byte to high
byte and low byte to low byte.
Bit 3
READ_PROTECT
Allows two cards at the same address to be read from.
When this bit is set, it prevents the PCMCIA bus from
becoming active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com