công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX7ULPCEC bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện IMX7ULPCEC
Giải thích chi tiết về linh kiện  i.MX 7ULP Applications Processor-Consumer Products
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7ULPCEC bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  IMX7ULPCEC Datasheet HTML 1Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 2Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 3Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 4Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 5Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 6Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 7Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 8Page - NXP Semiconductors IMX7ULPCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 118 page
background image
i.MX 7ULP features (continued)
Feature type
Application processor domain
Real-time processor domain
Signing and encrypt/decrypt engines
(CAAM)
Encrypt/decrypt engines (LTC)
Simple tamper detection
—
Serial peripherals
Four I2C Fast mode plus
Four I2C Fast mode plus
SD 3.0/MMC 5.0
FlexI/O
Four UARTs with flow control
Four UARTs with flow control
Two LPSPI peripherals
Two LPSPI peripherals
Timers
Four 32-bit general-purpose timers with
capture and compare; one 64-bit timer
Four 32-bit general purpose-timers with
capture and compare; one 64-bit timer
Watchdog timer
Watchdog timer
2
i.MX 7ULP Applications Processor—Consumer Products, Rev. 0, 06/2019
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More