| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CEC1712 bảng dữ liệu(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1712 bảng dữ liệu(HTML) 17 Page - Microchip Technology |
|
17 / 338 page ![]() 2020-2021 Microchip Technology Inc. DS00003416C-page 17 CEC1712 Default: 0 GPIO063 PIO VTR2 All PGS options No Gate Yes 1 Reserved 2 PWM6_ALT PIO All PGS options NA Note 7 3 ICT8 I All PGS options Low Default: 0 GPIO224 PIO VTR2 All PGS options No Gate Yes 1 Reserved 2 SHD_IO1 PIO All PGS options Low 3 Reserved Default: 0 GPIO016 PIO VTR2 All PGS options No Gate Yes 1 Reserved 2 SHD_IO3 PIO All PGS options Low 3 ICT3 PIO All PGS options Low Default: 0 GPIO227 PIO VTR2 All PGS options No Gate Yes 1 SHD_IO2 PIO All PGS options Low 2 Reserved 3 Reserved Default: 0 GPIO223 PIO VTR2 All PGS options No Gate Yes 1 SHD_IO0 PIO All PGS options Low 2 Reserved 3 Reserved Default: 0 GPIO055 PIO VTR2 All PGS options No Gate Yes 1 PWM2 PIO All PGS options NA 2 SHD_CS0# PIO All PGS options NA Note 15 3 Reserved TABLE 2-3: CEC1712 PIN MULTIPLEXING Mux Value Signal Name Buffer Type Drive Strength PAD Power Well Emulated Power Well Gated State OverVolt- age Protect Back- drive Protect Notes |