| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CEC1712 bảng dữ liệu(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1712 bảng dữ liệu(HTML) 79 Page - Microchip Technology |
|
79 / 338 page ![]() 2020-2021 Microchip Technology Inc. DS00003416C-page 79 CEC1712 4.9.11 PERIPHERAL RESET LOCK REGISTER Offset 84h Bits Description Type Default Reset Event 31:0 PCR_RST_EN _LOCK If the lock is enabled, the peripherals cannot be reset by writing to the Reset enable register. Once Unlocked the Registers remain in the unlocked state until FW re-locks it with the Lock pattern 0xA6382D4Dh = Lock Pattern 0xA6382D4Ch = Unlock Pattern RW A6382D4 Dh RESET _SYS |