công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33EP128GS708 bảng dữ liệu(PDF) 143 Page - Microchip Technology

tên linh kiện DSPIC33EP128GS708
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 bảng dữ liệu(HTML) 143 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 139Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 140Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 141Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 142Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 143Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 144Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 145Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 146Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 147Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 143
dsPIC33EPXXXGS70X/80X FAMILY
6.
The Peripheral Pin Select (PPS) pin mapping rules
are as follows:
a)
Only one “output” function can be active on a
given pin at any time, regardless if it is a
dedicated or remappable function (one pin,
one output).
b)
It is possible to assign a “remappable output”
function to multiple pins and externally short or
tie them together for increased current drive.
c)
If any “dedicated output” function is enabled
on a pin, it will take precedence over any
remappable “output” function.
d)
If any “dedicated digital” (input or output) func-
tion is enabled on a pin, any number of “input”
remappable functions can be mapped to the
same pin.
e)
If any “dedicated analog” function(s) are
enabled on a given pin, “digital input(s)” of any
kind will all be disabled, although a single “dig-
ital output”, at the user’s cautionary discretion,
can be enabled and active as long as there is
no signal contention with an external analog
input signal. For example, it is possible for the
ADC to convert the digital output logic level, or
to toggle a digital output on a comparator or
ADC input, provided there is no external
analog input, such as for a built-in self-test.
f)
Any number of “input” remappable functions
can be mapped to the same pin(s) at the same
time, including to any pin with a single output
from either a dedicated or remappable “output”.
g)
The TRISx registers control only the digital I/O
output buffer. Any other dedicated or remap-
pable active “output” will automatically override
the TRISx setting. The TRISx register does not
control the digital logic “input” buffer. Remap-
pable digital “inputs” do not automatically
override TRISx settings, which means that the
TRISx bit must be set to input for pins with only
remappable input function(s) assigned.
h)
All analog pins are enabled by default after any
Reset and the corresponding digital input buffer
on the pin has been disabled. Only the Analog
Pin Select (ANSELx) registers control the digi-
tal input buffer, not the TRISx register. The user
must disable the analog function on a pin using
the Analog Pin Select registers in order to use
any “digital input(s)” on a corresponding pin, no
exceptions.
11.8
I/O Ports Resources
Many useful resources are provided on the main prod-
uct page of the Microchip website for the devices listed
in this data sheet. This product page contains the latest
updates and additional information.
11.8.1
KEY RESOURCES
• “I/O Ports” (DS70000598) in the “dsPIC33/PIC24
Family Reference Manual”
• Code Samples
• Application Notes
• Software Libraries
• Webinars
• All Related “dsPIC33/PIC24 Family Reference
Manual” Sections
• Development Tools



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com