công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33EP128GS708 bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện DSPIC33EP128GS708
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 21Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 22Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 23Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 24Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 25Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 26Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 27Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 28Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 25
dsPIC33EPXXXGS70X/80X FAMILY
3.5
Programmer’s Model
The programmer’s model for the dsPIC33EPXXXGS70X/
80X family is shown in Figure 3-2. All registers in the
programmer’s model are memory-mapped and can be
manipulated directly by instructions. Table 3-1 lists a
description of each register.
In addition to the registers contained in the programmer’s
model, the dsPIC33EPXXXGS70X/80X devices contain
control registers for Modulo Addressing, Bit-Reversed
Addressing and interrupts. These registers are
described in subsequent sections of this document.
All registers associated with the programmer’s model
are memory-mapped, as shown in Table 3-1.
TABLE 3-1:
PROGRAMMER’S MODEL REGISTER DESCRIPTIONS
Register(s) Name
Description
W0 through W15(1)
Working Register Array
W0 through W14(1)
Alternate 1 Working Register Array
W0 through W14(1)
Alternate 2 Working Register Array
W0 through W14(1)
Alternate 3 Working Register Array
W0 through W14(1)
Alternate 4 Working Register Array
ACCA, ACCB
40-Bit DSP Accumulators
PC
23-Bit Program Counter
SR
ALU and DSP Engine STATUS Register
SPLIM
Stack Pointer Limit Value Register
TBLPAG
Table Memory Page Address Register
DSRPAG
Extended Data Space (EDS) Read Page Register
RCOUNT
REPEAT Loop Counter Register
DCOUNT
DO Loop Counter Register
DOSTARTH(2), DOSTARTL(2)
DO Loop Start Address Register (High and Low)
DOENDH, DOENDL
DO Loop End Address Register (High and Low)
CORCON
Contains DSP Engine, DO Loop Control and Trap Status bits
Note 1:
Memory-mapped W0 through W14 represent the value of the register in the currently active CPU context.
2:
The DOSTARTH and DOSTARTL registers are read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com