công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33EP128GS708 bảng dữ liệu(PDF) 337 Page - Microchip Technology

tên linh kiện DSPIC33EP128GS708
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 bảng dữ liệu(HTML) 337 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 333Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 334Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 335Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 336Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 337Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 338Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 339Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 340Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 337
dsPIC33EPXXXGS70X/80X FAMILY
24.0 HIGH-SPEED ANALOG
COMPARATOR
The high-speed analog comparator module monitors
current and/or voltage transients that may be too fast
for the CPU and ADC to capture.
24.1
Features Overview
The Switch Mode Power Supply (SMPS) comparator
module offers the following major features:
• Four Rail-to-Rail Analog Comparators
• Dedicated 12-Bit DAC for each Analog
Comparator
• Up to Six Selectable Input Sources per
Comparator:
- Four external inputs
- Two internal inputs from the PGAx module
• Programmable Comparator Hysteresis
• Programmable Output Polarity
• Up to Two DAC Outputs to Device Pins
• Multiple Voltage References for the DAC:
- External References (EXTREF1 or
EXTREF2)
-AVDD
• Interrupt Generation Capability
• Functional Support for PWMx:
- PWM duty cycle control
- PWM period control
- PWM Fault detected
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33EPXXXGS70X/
80X family of devices. It is not intended
to be a comprehensive reference source.
To complement the information in this data
sheet, refer to “High-Speed Analog
Comparator Module” (DS70005128) in
the “dsPIC33/PIC24 Family Reference
Manual”, which is available from the
Microchip website (www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com