công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33EP128GS708 bảng dữ liệu(PDF) 312 Page - Microchip Technology

tên linh kiện DSPIC33EP128GS708
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 bảng dữ liệu(HTML) 312 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 308Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 309Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 310Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 311Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 312Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 313Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 314Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 315Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 312
 2016-2018 Microchip Technology Inc.
FIGURE 23-1:
CANx MODULE BLOCK DIAGRAM
23.2
Modes of Operation
The CANx module can operate in one of several
operation modes selected by the user. These modes
include:
• Initialization mode
• Disable mode
• Normal Operation mode
• Listen Only mode
• Listen All Messages mode
• Loopback mode
Modes are requested by setting the REQOP<2:0> bits
(CxCTRL1<10:8>). Entry into a mode is Acknowledged
by monitoring the OPMODE<2:0> bits (CxCTRL1<7:5>).
The module does not change the mode and the
OPMODEx bits until a change in mode is acceptable,
generally during bus Idle time, which is defined as at least
eleven consecutive recessive bits.
Message Assembly
CAN Protocol
Engine
CxTX
Buffer
CxRX
RxF14 Filter
RxF13 Filter
RxF12 Filter
RxF11 Filter
RxF10 Filter
RxF9 Filter
RxF8 Filter
RxF7 Filter
RxF6 Filter
RxF5 Filter
RxF4 Filter
RxF3 Filter
RxF2 Filter
RxF1 Filter
RxF0 Filter
Transmit Byte
Sequencer
RxM1 Mask
RxM0 Mask
Control
Configuration
Logic
CPU
Bus
Interrupts
TRB0 TX/RX Buffer Control Register
RxF15 Filter
RxM2 Mask
TRB7 TX/RX Buffer Control Register
TRB6 TX/RX Buffer Control Register
TRB5 TX/RX Buffer Control Register
TRB4 TX/RX Buffer Control Register
TRB3 TX/RX Buffer Control Register
TRB2 TX/RX Buffer Control Register
TRB1 TX/RX Buffer Control Register
DMA Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com