công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DSPIC33EP128GS708 bảng dữ liệu(PDF) 193 Page - Microchip Technology

tên linh kiện DSPIC33EP128GS708
Giải thích chi tiết về linh kiện  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 bảng dữ liệu(HTML) 193 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 189Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 190Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 191Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 192Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 193Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 194Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 195Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 196Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 484 page
background image
 2016-2018 Microchip Technology Inc.
DS70005258C-page 193
dsPIC33EPXXXGS70X/80X FAMILY
REGISTER 16-1:
PTCON: PWM TIME BASE CONTROL REGISTER
R/W-0
U-0
R/W-0
HSC/R-0
R/W-0
R/W-0
R/W-0
R/W-0
PTEN
—
PTSIDL
SESTAT
SEIEN
EIPU(1)
SYNCPOL(1) SYNCOEN(1)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SYNCEN(1) SYNCSRC2(1) SYNCSRC1(1) SYNCSRC0(1) SEVTPS3(1) SEVTPS2(1) SEVTPS1(1) SEVTPS0(1)
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PTEN: PWM Module Enable bit
1 = PWM module is enabled
0 = PWM module is disabled
bit 14
Unimplemented: Read as ‘0’
bit 13
PTSIDL: PWM Time Base Stop in Idle Mode bit
1 = PWM time base halts in CPU Idle mode
0 = PWM time base runs in CPU Idle mode
bit 12
SESTAT: Special Event Interrupt Status bit
1 = Special event interrupt is pending
0 = Special event interrupt is not pending
bit 11
SEIEN: Special Event Interrupt Enable bit
1 = Special event interrupt is enabled
0 = Special event interrupt is disabled
bit 10
EIPU: Enable Immediate Period Updates bit(1)
1 = Active Period register is updated immediately
0 = Active Period register updates occur on PWM cycle boundaries
bit 9
SYNCPOL: Synchronize Input and Output Polarity bit(1)
1 = SYNCIx/SYNCO1 polarity is inverted (active-low)
0 = SYNCIx/SYNCO1 is active-high
bit 8
SYNCOEN: Primary Time Base Synchronization Enable bit(1)
1 = SYNCO1 output is enabled
0 = SYNCO1 output is disabled
bit 7
SYNCEN: External Time Base Synchronization Enable bit(1)
1 = External synchronization of primary time base is enabled
0 = External synchronization of primary time base is disabled
bit 6-4
SYNCSRC<2:0>: Synchronous Source Selection bits(1)
111 = Reserved
101 = Reserved
100 = Reserved
011 = PTG Trigger Output 17
010 = PTG Trigger Output 16
001 = SYNCI2
000 = SYNCI1
Note 1: These bits should be changed only when PTEN = 0. In addition, when using the SYNCIx feature, the user
application must program the Period register with a value that is slightly larger than the expected period of
the external synchronization input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com