| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
68HC05JB4 bảng dữ liệu(PDF) 83 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05JB4 bảng dữ liệu(HTML) 83 Page - Freescale Semiconductor, Inc |
|
83 / 134 page ![]() February 24, 1999 GENERAL RELEASE SPECIFICATION MC68HC05JB4 UNIVERSAL SERIAL BUS MODULE MOTOROLA REV 2 10-17 Figure 10-19. Flow Diagram for Bit Stuffing 10.5 I/O REGISTER DESCRIPTION The USB Endpoint registers are comprised of a set of control/status registers and twenty-four data registers that provide storage for the buffering of data between the USB and the CPU. These registers are shown in Table 10-2. Table 10-2. Register Summary POWER UP NO PACKET TRANSMISSION IDLE NO YES IS PACKAGE TRANSFER DONE? NO YES RESET THE BIT COUNTER TO 0 INSERT A ZERO BIT COUNTER = 6? INCREMENT THE COUNTER = 0 = 1 BIT VALUE? GET NEXT BIT RESET BIT COUNTER TO 0 BEGIN PACKET TRANSMISSION Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |